Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CMB21 Datasheet(PDF) 70 Page - Microchip Technology

Part # MCP48CMB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CMB21 Datasheet(HTML) 70 Page - Microchip Technology

Back Button MCP48CMB21 Datasheet HTML 66Page - Microchip Technology MCP48CMB21 Datasheet HTML 67Page - Microchip Technology MCP48CMB21 Datasheet HTML 68Page - Microchip Technology MCP48CMB21 Datasheet HTML 69Page - Microchip Technology MCP48CMB21 Datasheet HTML 70Page - Microchip Technology MCP48CMB21 Datasheet HTML 71Page - Microchip Technology MCP48CMB21 Datasheet HTML 72Page - Microchip Technology MCP48CMB21 Datasheet HTML 73Page - Microchip Technology MCP48CMB21 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 106 page
background image
MCP48CXBXX
DS20006160A-page 70
 2019 Microchip Technology Inc.
7.1
Command Byte
The Command Byte has three fields, the Address (5
bits), the Command (2 bits), and 1 Reserved bit, see
Figure 7-1.
The device memory is accessed when the master
sends a proper Command Byte to select the desired
operation. The memory location getting accessed is
contained in the Command Byte’s AD4:AD0 bits. The
action desired is contained in the Command Byte’s
C1:C0 bits, see Figure 7-5. C1:C0 determines if the
desired memory location will be read or written.
As the Command Byte is loaded into the device (on
the SDI pin), the device’s SDO pin drives. The SDO
pin will output high bits for the first seven bits of that
command. On the 8th bit, the SDO pin will output the
CMDERR bit state.
7.2
Data Bytes
The Read and Write commands use Data Bytes, see
Figure 7-1. The D16 bit is currently unused, and
corresponds to the position on the SDO data of the
CMDERR bit.
7.3
Error Condition
The CMDERR bit indicates if the five address bits
received (AD4:AD0) and the two command bits
received (C1:C0) are a valid combination. The
CMDERR bit is high if the combination is valid and low
if the combination is invalid.
The command error bit will also be low if a write to a
nonvolatile address has been specified and another
SPI command occurs before the CS pin is driven
inactive (VIH).
SPI commands that do not have a multiple of 24
clocks are ignored.
Once an error condition has occurred, any following
commands are ignored. All following SDO bits will be
low until the CMDERR condition is cleared by forcing
the CS pin to the Inactive state (VIH) or doing a POR.
7.3.1
ABORTING A TRANSMISSION
All SPI transmissions must have the correct number of
SCK pulses to be executed. The command is not
executed until the complete number of clocks have
been received. Some commands also require the CS
pin to be forced inactive (VIH). If the CS pin is forced to
the Inactive state (VIH), the serial interface is reset.
Partial commands are not executed.
SPI is more susceptible to noise than other bus
protocols. The most likely case is that this noise
corrupts the value of the data being clocked into the
MCP48CXBXX or the SCK pin is injected with extra
clock pulses. This may cause data to be corrupted in
the device, or a command error to occur, since the
address and command bits were not a valid combina-
tion. The extra SCK pulse will also cause the SPI data
(SDI) and clock (SCK) to be out of sync. Forcing the
CS pin to the Inactive state (VIH) resets the serial inter-
face. The SPI interface will ignore activity on the SDI
and SCK pins until the CS pin transition to the active
state is detected (VIH to VIL).
7.4
Continuous Commands
The device supports the ability to execute commands
continuously. While the CS pin is in Active state (VIL),
any sequence of valid commands may be received.
The following example is a valid sequence of events:
1.
CS pin driven active (VIL)
2.
Read command
3.
Write command (Volatile memory)
4.
Write command (Nonvolatile memory)
5.
CS pin driven inactive (VIH)
7.5
Write Command
The Write command is a 24-bit command. The Write
command can be issued to both the volatile and non-
volatile memory locations. The format of the command
is shown in Figure 7-2.
A Write command to a volatile memory location
changes that location after a properly formatted Write
command (24-clock) has been received.
A Write command to a nonvolatile memory location will
only start a write cycle after a properly formatted Write
command (24-clock) has been received and the CS
pin transitions to the Inactive state (VIH).
Note 1: When the MCP48CXBXX does not
receive data, it is recommended that the
CS pin be forced to the inactive level (VIL).
Note 1: While the CS pin is active, only one type of
command should be issued. When
changing commands, it is recommended
to take the CS pin inactive then force it
back to the active state.
2: Long command strings should be broken
down into shorter command strings. This
reduces the probability of noise on the
SCK pin corrupting the desired SPI
command string.
Note: Writes to volatile memory locations depend
on the state of the WiperLock™ Technology
bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com