Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CMB21 Datasheet(PDF) 83 Page - Microchip Technology

Part # MCP48CMB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CMB21 Datasheet(HTML) 83 Page - Microchip Technology

Back Button MCP48CMB21 Datasheet HTML 79Page - Microchip Technology MCP48CMB21 Datasheet HTML 80Page - Microchip Technology MCP48CMB21 Datasheet HTML 81Page - Microchip Technology MCP48CMB21 Datasheet HTML 82Page - Microchip Technology MCP48CMB21 Datasheet HTML 83Page - Microchip Technology MCP48CMB21 Datasheet HTML 84Page - Microchip Technology MCP48CMB21 Datasheet HTML 85Page - Microchip Technology MCP48CMB21 Datasheet HTML 86Page - Microchip Technology MCP48CMB21 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 106 page
background image
 2019 Microchip Technology Inc.
DS20006160A-page 83
MCP48CXBXX
10.0 PACKAGING INFORMATION
10.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
10-Lead MSOP
10-Lead 3 x 3 mm DFN
Example
Example
48CV01
908256
BAKH
1908
256
Part Number
Code
MCP48CVB01-E/MF
BAKH
MCP48CVB11-E/MF
BAKL
MCP48CVB21-E/MF
BAKN
MCP48CVB02-E/MF
BAKJ
MCP48CVB12-E/MF
BAKM
MCP48CVB22-E/MF
BAKP
MCP48CMB01-E/MF
BAKB
MCP48CMB11-E/MF
BAKD
MCP48CMB21-E/MF
BAKF
MCP48CMB02-E/MF
BAKC
MCP48CMB12-E/MF
BAKE
MCP48CMB22-E/MF
BAKG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com