Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CMB21 Datasheet(PDF) 66 Page - Microchip Technology

Part # MCP48CMB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CMB21 Datasheet(HTML) 66 Page - Microchip Technology

Back Button MCP48CMB21 Datasheet HTML 62Page - Microchip Technology MCP48CMB21 Datasheet HTML 63Page - Microchip Technology MCP48CMB21 Datasheet HTML 64Page - Microchip Technology MCP48CMB21 Datasheet HTML 65Page - Microchip Technology MCP48CMB21 Datasheet HTML 66Page - Microchip Technology MCP48CMB21 Datasheet HTML 67Page - Microchip Technology MCP48CMB21 Datasheet HTML 68Page - Microchip Technology MCP48CMB21 Datasheet HTML 69Page - Microchip Technology MCP48CMB21 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 106 page
background image
MCP48CXBXX
DS20006160A-page 66
 2019 Microchip Technology Inc.
TABLE 6-1:
SCK FREQUENCY
6.4.4
THE CS SIGNAL
The CS signal is used to select the device and frame a
command sequence. To start a command, or
sequence of commands, the CS signal must transition
from the inactive state (VIH) to an active state (VIL).
After the CS signal has gone active, the SDO pin is
driven and the clock bit counter is reset.
If an error condition occurs for an SPI command, then
the Command byte’s Command Error (CMDERR) bit
(on the SDO pin) will be driven low (VIL). To exit the
error condition, the user must take the CS pin to the
VIH level.
When the CS pin returns to the inactive state (VIH), the
SPI module resets (including the address pointer).
While the CS pin is in the inactive state (VIH), the serial
interface is ignored. This allows the Host Controller to
interface to other SPI devices using the same SDI,
SDO, and SCK signals.
6.4.5
THE HVC SIGNAL
The high voltage requirement of the HVC pin for
programming MTP registers ensure that a device in
normal operation does not corrupt the values.
6.5
Device Memory Address
The memory address is the 5-bit value that specifies
the location in the device’s memory that the specified
command will operate on.
On a POR/BOR event, the device’s Memory Address
pointer is forced to 00h.
6.6
SPI Modes
The SPI module supports two (of the four) standard
SPI modes. These are Mode 0,0 and 1,1. The
MCP48CXBXX’s
SPI
mode
is
automatically
determined based on the Master’s configured mode.
Memory Type Access
Command
Read
Write
Nonvolatile
Memory
SDI, SDO
25 MHz
50 MHz (1)
Volatile
Memory
SDI, SDO
25 MHz
50 MHz (1)
Note 1: After issuing a Write command to the NV
locations, the internal write cycle must be
completed before the next SPI command
addressing the NV locations is received
(twc).
Note: There is a required delay after the CS pin
goes active to the 1st edge of the SCK pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com