Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP48CMB21 Datasheet(PDF) 65 Page - Microchip Technology

Part # MCP48CMB21
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP48CMB21 Datasheet(HTML) 65 Page - Microchip Technology

Back Button MCP48CMB21 Datasheet HTML 61Page - Microchip Technology MCP48CMB21 Datasheet HTML 62Page - Microchip Technology MCP48CMB21 Datasheet HTML 63Page - Microchip Technology MCP48CMB21 Datasheet HTML 64Page - Microchip Technology MCP48CMB21 Datasheet HTML 65Page - Microchip Technology MCP48CMB21 Datasheet HTML 66Page - Microchip Technology MCP48CMB21 Datasheet HTML 67Page - Microchip Technology MCP48CMB21 Datasheet HTML 68Page - Microchip Technology MCP48CMB21 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 106 page
background image
 2019 Microchip Technology Inc.
DS20006160A-page 65
MCP48CXBXX
6.0
SPI SERIAL INTERFACE
MODULE
The MCP48CXBXX’s SPI Serial Interface Module is a
4-wire interface. The devices operate only as slaves
(do not generate the master clock). Figure 6-1 shows a
typical SPI interface connection.
FIGURE 6-1:
Typical SPI Interface.
The frame content (commands) for the MCP48CXBXX
are defined in Section 7.0 “Device Commands”.
6.1
Overview
This
section
discusses
some
of
the
specific
characteristics of the MCP48CXBXX’s SPI Serial
Interface Module. This is to assist in the development of
your application.
The following sections discuss some of these
device-specific characteristics:
• Communication Data Rates
• POR/BOR
• Interface Pins (CS, SCK, SDI, SDO, and
LAT/HVC)
• Device Memory Address
• SPI Modes
The MCP48CXBXX devices support the SPI serial
protocol. This SPI operates in Slave mode (does not
generate the serial clock).
The SPI interface uses four pins. These are:
•CS - Chip Select
• SCK - Serial Clock
• SDI - Serial Data In
• SDO - Serial Data Out
A fifth pin is used if a write is being done in the MTP
memory. This pin is HVC - High Voltage Command
(customer manufacturing only, multiplexed with LAT0
functionality).
The HVC pin is used to program the MTP memory.
This is intended to be used only during the customer’s
factory production flow. On volatile devices, the HVC
pin is high-voltage tolerant. To enter a high voltage
command, the HVC pin must be greater than the VIHH
voltage.
Typical SPI Interfaces are shown in Figure 6-1. In the
SPI interface, the Master’s Output pin is connected to
the Slave’s Input pin, and the Master’s Input pin is
connected to the Slave’s Output pin.
The MCP48CXBXX SPI module supports two (of the
four) standard SPI modes. These are Mode
0,0 and
1,1. The SPI mode is determined by the state of the
SCK pin (VIH or VIL) when the CS pin transitions from
inactive (VIH) to active (VIL).
6.2
Communication Data Rates
The MCP48CXBXX supports clock rates (bit rates) of
up to 25 MHz for read, and 50 MHz for Write
commands.
For most applications, the write time will be considered
more important, since that is how the device operation
is controlled.
6.3
POR/BOR
On a POR/BOR event, the SPI Serial Interface Module
state machine is reset, which includes forcing the
device’s Memory Address pointer to 00h.
6.4
Interface Pins (CS, SCK, SDI, SDO,
and LAT/HVC)
The operation of the four interface pins and the
High-Voltage command (HVC) pin is discussed in this
section. The serial interface works on 24-bit
boundaries. The CS pin frames the SPI commands.
6.4.1
SERIAL DATA IN (SDI)
The Serial Data In (SDI) signal is the data signal in the
device. The value on this pin is latched on the rising
edge of the SCK signal.
6.4.2
SERIAL DATA OUT (SDO)
The Serial Data Out (SDO) signal is the data signal out
of the device. The value on this pin is driven on the
falling edge of the SCK signal.
Once the CS pin is forced to the active level (VIL), the
SDO pin is driven. The state of the SDO pin is deter-
mined by the serial bit’s position in the command, the
selected command, and if there is a state of command
error (CMDERR).
6.4.3
SERIAL CLOCK (SCK)
(SPI FREQUENCY OF OPERATION)
The SPI interface is specified to operate up to 50 MHz
for Write commands and 25 MHz for read commands.
The actual clock rate depends on the configuration of
the system and the serial command used. Table 6-1
shows the SCK frequency for different configurations.
MCP48CXBXX
Host
Controller
Typical SPI Interface Connections
Other Devices
(Master)
(Slave)
SDI
SDO
SDO
SDI
CS
GPIO
SCK
SCK
LAT/HVC
GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com