Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28159PVC Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY28159PVC
Description  Clock Generator for Serverworks Grand Champion Chipset Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28159PVC Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY28159PVC Datasheet HTML 1Page - Cypress Semiconductor CY28159PVC Datasheet HTML 2Page - Cypress Semiconductor CY28159PVC Datasheet HTML 3Page - Cypress Semiconductor CY28159PVC Datasheet HTML 4Page - Cypress Semiconductor CY28159PVC Datasheet HTML 5Page - Cypress Semiconductor CY28159PVC Datasheet HTML 6Page - Cypress Semiconductor CY28159PVC Datasheet HTML 7Page - Cypress Semiconductor CY28159PVC Datasheet HTML 8Page - Cypress Semiconductor CY28159PVC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
CY28159
Document #: 38-07118 Rev. **
Page 5 of 13
Spread Spectrum Clock Generation (SSCG)
Spread Spectrum is a modulation technique applied here for
maximum efficiency in minimizing Electro-Magnetic Interfer-
ence radiation generated from repetitive digital signals mainly
clocks. For a detailed explanation of Spread Spectrum Clock
Generation.
Power Management Functions
Notes:
2.
The entries in boldface are the primary system configurations of interest. The outputs should be optimized for these configurations.
3.
Rr refers to the resistance placed in series with the Iref input and VSS.
Table 4. Spectrum Spreading Selection Table
Unspread Frequency in MHz
Spread Spectrum Parameter
Downspreading
F Min(MHz)
F Center(MHz)
F Max(MHz)
Spread (%)
100
99.5
99.75
100
–0.5%
133.3
132.66
132.67
133
–0.5%
200
199.5
199.75
200
–0.5%
Table 5. Host Swing Select Functions[2]
Multsel0
MultSel1
Board Target
Trace/TermZ
Reference Rr, Iref = Vdd(3*Rr)
Note 3
Output Current
Voh@Z, Iref =
2.32 mA
00
60 Ohms
Rf = 475 1%,
Iref = 2.32 mA
Ioh = 5*Iref
07V@60
0
0
50 Ohms
Rr = 475 1%,Iref = 2.32 mA
Ioh = 5*Iref
0.59V @ 50
0
1
60 Ohms
Rr = 475 1%,Iref = 2.32 mA
Ioh = 6*Iref
0.85V @ 60
0
1
50 Ohms
Rr = 475 1%,Iref = 2.32 mA
Ioh = 6*Iref
0.71V @ 50
1
0
60 Ohms
Rr = 475 1%,Iref = 2.32 mA
Ioh = 4*Iref
0.56V @ 60
1
0
50 Ohms
Rr = 475 1%,Iref = 2.32 mA
Ioh = 4*Iref
0.47V @ 50
1
1
60 Ohms
Rr = 475 1%,Iref = 2.32 mA
Ioh = 7*Iref
0.99V @ 60
1
1
50 Ohms
Rr = 475 1%,Iref = 2.32 mA
Ioh = 7*Iref
0.82V @ 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com