Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28159PVC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY28159PVC
Description  Clock Generator for Serverworks Grand Champion Chipset Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28159PVC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY28159PVC Datasheet HTML 5Page - Cypress Semiconductor CY28159PVC Datasheet HTML 6Page - Cypress Semiconductor CY28159PVC Datasheet HTML 7Page - Cypress Semiconductor CY28159PVC Datasheet HTML 8Page - Cypress Semiconductor CY28159PVC Datasheet HTML 9Page - Cypress Semiconductor CY28159PVC Datasheet HTML 10Page - Cypress Semiconductor CY28159PVC Datasheet HTML 11Page - Cypress Semiconductor CY28159PVC Datasheet HTML 12Page - Cypress Semiconductor CY28159PVC Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
CY28159
Document #: 38-07118 Rev. **
Page 9 of 13
Notes:
8.
This parameter is measured at the crossing points of the differential signals, and acquired as an average over 1
µs duration, with a crystal center frequency of
14.31818 MHz.
9.
All outputs loaded as per Table 3, see Figure 2.
10. Probes are placed on the pins, and measurements are acquired between 0.4V and 2.4V for 3.3V signals and at 20% and 80% for CPU[(0:7), (0:7)#] signals
(see Figure 3).
11. Probes are placed on the pins, and measurements are acquired at 1.5V for 3.3V signals and at crossing points for CPU clocks (see Figure 3).
12. This measurement is applicable with Spread ON or Spread OFF.
13. Probes are placed on the pins, and measurements are acquired at 2.4V (see Figure 3).
14. Probes are placed on the pins, and measurements are acquired at 0.4V. (seeFigure 3).
15. As this function is available through SEL(0,1), therefore, the time specified is guaranteed by design.
16. Determined as a fraction of 2*(Trp-Trn) / (Trp+Trn) where Trp is a rising edge and Trn is an intersecting falling edge.
AC Parameters (VDD = VDDA = 3.3V ±5%, TA = 0°C to +70°C)
Symbol
Description
133 MHz Host
100 MHz Host
Unit
Notes
Min.
Max.
Min.
Max.
CPU
TPeriod
CPU(0:7), (0:7)#) Period
7.35
7.65
9.85
10.2
ns
9,11
Tr/Tf
CPU[(0:7), (0:7)#] Rise and Fall Times
175
700
175
700
ps
9,10
TSKEW1
Skew from Any CPU Pair to Any CPU Pair
100
100
ps
9,11,12
TCJJ
CPU[(0:7), (0:7)#] Cycle to Cycle Jitter
150
150
ps
9,11,12
Vover
CPU[(0:7), (0:7)#] Overshoot
Voh + 0.2
Voh + 0.2
V
9,16
Vunder
CPU[(0:7), (0:7)#] Undershoot
–0.2
-0.2
V
9,16
Vcrossover
CPU(0:7), to CPU(0:7)# Crossover Point
45%Voh
55%Voh
45%Voh
55%Voh
V
8, 9,11
Tduty
Duty Cycle
45
55
45
55
%
9,11
33MHz
Tperiod
3V33 Period
15.0
16.0
15.0
15.2
ns
9,11
THIGH
3V33 High Time
5.25
5.25
ns
9,13
TLOW
3V33 Low Time
5.05
5.05
ns
9,14
Tr/Tf
3V33 Rise and Fall Times
0.5
2.0
0.5
2.0
ns
9,10
TCCJ
3V33 Cycle to Cycle Jitter
300
-
300
ps
9,11,12
Tduty
Duty Cycle
45
55
45
55
%
9,11
REF
Tperiod
REF Period
69.8412
71.0
69.8413
71.0
nS
9,11
Tr/Tf
REF Rise and Fall Times
1.0
4.0
1.0
4.0
nS
9,10
TCCj
REF Cycle to Cycle Jitter
1000
1000
pS
9,11
Tduty
Duty Cycle
45
55
45
55
%
9,11
48MHz
TDC
48MHz(0,1) Duty Cycle
45
55
45
55
%
9,11
Tperiod
48MHz(0.1) Period
20.8299
20.8333
20.8299
20.8333
ns
9,11
Tr/Tf
48MHz(0,1) Rise and Fall Times
1.0
4.0
1.0
4.0
ps
9,10
TCCJ
48MHz(0,1) Cycle to Cycle Jitter
500
500
ps
9,11
Zout
48MHz Buffer Output Impedance
20
20
Ω
tpZL, tpZH
Output Enable Delay (all outputs)
1.0
10.0
1.0
10.0
ns
15
tpLZ, tpZH
Output Disable Delay (all outputs)
1.0
10.0
1.0
10.0
ns
15
tstable
All Clock Stabilization from Power-up
3
3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com