Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28159PVC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY28159PVC
Description  Clock Generator for Serverworks Grand Champion Chipset Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28159PVC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY28159PVC Datasheet HTML 2Page - Cypress Semiconductor CY28159PVC Datasheet HTML 3Page - Cypress Semiconductor CY28159PVC Datasheet HTML 4Page - Cypress Semiconductor CY28159PVC Datasheet HTML 5Page - Cypress Semiconductor CY28159PVC Datasheet HTML 6Page - Cypress Semiconductor CY28159PVC Datasheet HTML 7Page - Cypress Semiconductor CY28159PVC Datasheet HTML 8Page - Cypress Semiconductor CY28159PVC Datasheet HTML 9Page - Cypress Semiconductor CY28159PVC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
CY28159
Document #: 38-07118 Rev. **
Page 6 of 13
Buffer Characteristics
Current Mode CPU Clock Buffer Characteristics
The current mode output buffer detail and current reference
circuit details are contained elsewhere in this datasheet. The
following parameters are used to specify output buffer charac-
teristics:
1. Output impedance of the current mode buffer circuit - Ro
(see Figure 4)
2. Minimum and maximum required voltage operation range
of the circuit - Vop (see Figure 4).
3. Series resistance in the buffer circuit - Ros (see Figure 4)
4. .Current accuracy at given configuration into nominal test
load for given configuration
Iout is selectable depending on implementation. The parame-
ters above supply to all configurations. Vout is the voltage at
the pin of the device.
The various output current configurations are shown in the
host swing select functions table. For all configurations, the
deviation from the expected output current is ±7% as shown in
the table current accuracy.
1.2V
0V
Iout
Iout
Ros
Ro
VDD3 (3.3V +/- 5%)
Vout = 1.2V max
Vout
Figure 4.
Table 6. Host Clock (HSCL) Buffer Characteristics
Characteristics
Minimum
Maximum
Ro
3000 Ohms (recommended)
N/A
Ros
Unspecified
Unspecified
Vout
N/A
1.2 Volt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com