Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28159PVC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY28159PVC
Description  Clock Generator for Serverworks Grand Champion Chipset Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28159PVC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY28159PVC Datasheet HTML 4Page - Cypress Semiconductor CY28159PVC Datasheet HTML 5Page - Cypress Semiconductor CY28159PVC Datasheet HTML 6Page - Cypress Semiconductor CY28159PVC Datasheet HTML 7Page - Cypress Semiconductor CY28159PVC Datasheet HTML 8Page - Cypress Semiconductor CY28159PVC Datasheet HTML 9Page - Cypress Semiconductor CY28159PVC Datasheet HTML 10Page - Cypress Semiconductor CY28159PVC Datasheet HTML 11Page - Cypress Semiconductor CY28159PVC Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CY28159
Document #: 38-07118 Rev. **
Page 8 of 13
Maximum Ratings
Input Voltage Relative to VSS:...............................VSS – 0.3V
Input Voltage Relative to VDDQ or AVDD: ............. VDD + 0.3V
Storage Temperature: ................................ –65
°C to + 150°C
Operating Temperature: .................................... 0
°C to +70°C
Maximum ESD .............................................................2000V
Maximum Power Supply: ................................................5.5V
This device contains circuitry to protect the inputs against
damage due to high static voltages or electric field. However,
precautions should be take to avoid application of any voltage
higher than the maximum rated voltages to this circuit. For
proper operation, VIN and VOUT should be constrained to the
range.
VSS < (VIN or VOUT)< VDD
Unused inputs must always be tied to an appropriate logic volt-
age level (either VSS or VDD).
Notes:
5.
Applicable to input signals: Sel100/133, Sel(0:1)), Spread#, PWRDN#, Mult(0:1)
6.
Although internal pull-up or pull-down resistors have a typical value of 250k, this value may vary between 200k and 500k.
7.
All outputs loaded as per Table 3.
DC Parameters (VDD = VDDA = 3.3V±5%, TA= 0°C to +70°C)
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VIL1
Input Low Voltage
Note 5
0.8
Vdc
VIH1
Input High Voltage
2.0
Vdc
IIL
Input Low Current (@VIN–VDD)
For internal pull-up resistors[5]
–16
–4
µA
IIH
Input High Current (@VIN–VDD)0
5
µA
IIL
nput Low Current (@VIN–VSS)
For internal pull-down resistors[5]
0
µA
IIH
Input High Current (@VIN–VSS)4
16
µA
Ioz
Three-State leakage current
10
µA
Idd
Static Supply Current
PwrDwn = Low
80
mA
Isdd
Dynamic Supply Current
133 MHz CPU[7]
200
mA
Cin
Input Pin Capacitance
5pF
Cout
Output Pin Capacitance
6pF
Lpin
Pin Inductance
7nH
Cxtal
Crystal Pin Capacitance
Measured from Pin to Ground.
34
36
38
pH
Txs
Crsytal Startup Time
From stable 3.3V power supply
40
µS
Rpi
Internal Pull-up and Pull-down Re-
sistor Value[6]
200
250
500
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com