Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28159PVC Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY28159PVC
Description  Clock Generator for Serverworks Grand Champion Chipset Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28159PVC Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY28159PVC Datasheet HTML 5Page - Cypress Semiconductor CY28159PVC Datasheet HTML 6Page - Cypress Semiconductor CY28159PVC Datasheet HTML 7Page - Cypress Semiconductor CY28159PVC Datasheet HTML 8Page - Cypress Semiconductor CY28159PVC Datasheet HTML 9Page - Cypress Semiconductor CY28159PVC Datasheet HTML 10Page - Cypress Semiconductor CY28159PVC Datasheet HTML 11Page - Cypress Semiconductor CY28159PVC Datasheet HTML 12Page - Cypress Semiconductor CY28159PVC Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CY28159
Document #: 38-07118 Rev. **
Page 10 of 13
Sample Layout
FB
+3.3V Supply
FB
C1
C2
0.005
µF
10
µF
0.005
µF
G
G
G
G
VDDQ3A
*
VDDQ3
C3
48
47
46
45
44
43
42
41
40
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
39
G
V
G = VIA to GND plane layer
V =VIA to respective supply plane layer
Note: Each supply plane or strip should have a ferrite bead and capacitors
Cermaic Caps C1 & C3 = 10–22 µF
C2 & C4 = 0.005 µF
FB = Dale ILB1206 - 300 (300
Ω @ 100 MHz)
All bypass caps = 0.1
µF cermamic. Low ESR
G
V
G
V
G
V
G
V
G
V
G
V
G
V
G
V
*
*
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com