Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 16Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 17Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 18Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 19Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 20Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 21Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 22Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 23Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Industrial Products, Rev. 0, 04/2021
20
NXP Semiconductors
Modules list
3.1
Special signal considerations
Table 4 lists special signal considerations for the i.MX RT1160 processors. The signal names are listed in
alphabetical order.
The package contact assignments can be found in Section 6, Package information and contact
assignments.” Signal descriptions are provided in the i.MX RT1160 Reference Manual
(IMXRT1160RM).
XECC
External ECC Controller
Memories and
Memory Controllers
XECC can be used as a gasket module on AXI bus to
support ECC function for external memory.
XRDC
Extended Resource
Domain Controller
Security
The XRDC provides an integrated, scalable
architectural framework for access control, system
memory protection, and peripheral isolation. It allows
software to assign chip resources including processor
cores, non-core bus masters, memory regions, and
slave peripherals to processing domains to support
enforcement of robust operational environments.
Table 4. Special signal considerations
Signal Name
Remarks
CLK1_P/ CLK1_N
This differential output is reserved for NXP internal use. For users, this output must be a no
connect.
DCDC_PSWITCH
PAD is in DCDC_IN domain and connected to ground to bypass DCDC.
To enable DCDC function, assert DCDC_IN with at least 1ms delay for DCDC_IN rising edge.
RTC_XTALI/RTC_XTALO To hit the exact oscillation frequency, the board capacitors must be reduced to account for the
board and chip parasitics. The integrated oscillation amplifier is self-biasing, but relatively weak.
Care must be taken to limit the parasitic leakage from RTC_XTALI and RTC_XTALO to either the
power or the ground (> 100 M). This de-biases the amplifier and reduces the start-up margin.
If you want to feed an external low-frequency clock into RTC_XTALI, the RTC_XTALO pin must
remain unconnected or driven by a complementary signal. The logic level of this forcing clock must
not exceed the VDD_SNVS_DIG level and the frequency shall be < 100 kHz under the typical
conditions.
It is recommended to tie RTC_XTALI to GND if external crystal is not used. When a high-accuracy
real-time clock is not required, the system may use the on-chip 32 kHz oscillator. The tolerance is
±
10%. The ring oscillator starts faster than the external crystal and is used until the external crystal
reaches a stable oscillation. The ring oscillator also starts automatically if no clock is detected at
RTC_XTALI.
XTALI/XTALO
The SDK software requires 24 MHz on XTALI/XTALO. The crystal can be eliminated if an external
24 MHz oscillator is available in the system. In this case, refer to section of Bypass Configuration
(24 MHz) from the reference manual. There are three configurations that can be utilized, but
configuration 2 is recommended.
The logic level of this forcing clock must not exceed the VDD_LPSR_ANA level.
If this clock is used as a reference for USB, then there are strict frequency tolerance and jitter
requirements. See Section 4.2.6, On-chip oscillators and relevant interface specifications chapters
for details.
Table 3. i.MX RT1160 modules list (continued)
Block Mnemonic
Block Name
Subsystem
Brief Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com