Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 80 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 76Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 77Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 78Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 79Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 80Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 81Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 82Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 83Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 124 page
background image
i.MX RT1160 Crossover Processors Data Sheet for Industrial Products, Rev. 0, 04/2021
80
NXP Semiconductors
Electrical characteristics
SR_LS
Slew rate in Low Speed
mode
Code 100h — F00h or
F00h — 100h @ZTC
current
—0.24
—
V/
s
5
Code 100h — F00h or
F00h —100h @PTAT
current
—0.24
—
SR_MS
Slew rate in Middle
Speed mode
Code 100h — F00h or
F00h — 100h @ZTC
current
—1.2
—
Code 100h — F00h or
F00h —100h @PTAT
current
—1.2
—
SR_HS
Slew rate in High Speed
mode
Code 100h — F00h or
F00h — 100h @ZTC
current
—2.4
—
Code 100h — F00h or
F00h —100h @PTAT
current
—2.4
—
PSRR
Power supply rejection
ratio
Code 800h,
Δ
VDD_ANA18 = 100 mV,
VREFH_ANA12 selected
—70
—
dB
6
Glitch
Glitch energy
Code 100h — F00h —
100h
—30
—
nV-s
—
Code 7FFh — 800h —
7FFh
—30
—
CT
Channel to channel
crosstalk
—
—
—
-80
dB
7
ROP
Output resistance
Code 100h — F00h and
Rload = 18 k
—200
—
8
1 It is recommended to operate the DAC in the output voltage range between 0.15 V and (VDDA_ADC_1P8 - 0.15 V) for best
accuracy. Linearity of the output voltage outside this range will be affected as current load increases.
2 When ADC_VREFH is selected as the reference (DAC_CR[DACRFS] = 0b).
3 When the internal 1.2 V source is selected as the reference (DAC_CR[DACRFS] = 1b).
4 The DAC output remains within ±0.5 LSB of the final measured value for digital input code change. Noise on the power supply
can cause this performance to degrade to ±1 LSB. This parameter represents both rising edge and falling edge settling time.
5 Time for the DAC output to transition from 10% to 90% signal amplitude (rising edge or falling edge).
6 PSRR = 20 x log{ΔVDD_ANA18 /ΔVDAC_OUT}
7 If two DACs are used and sharing the same VREFH.
8 Based on design simulation.
Table 77. DAC characteristics (continued)
Symbol
Description
Test Conditions
Min
Typ
Max
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com