Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 17Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 18Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 19Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 20Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 21Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 22Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 23Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 24Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 124 page
background image
Modules list
i.MX RT1160 Crossover Processors Data Sheet for Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
21
3.2
Recommended connections for unused analog interfaces
Table 6 shows the recommended connections for unused analog interfaces.
JTAG_nnnn
External resistors can be used with all JTAG signals except for JTAG_TDO, but they are not
required. See Table 5 for a summary of the JTAG interface.
JTAG_TDO is configured with an on-chip keeper circuit, such that the floating condition is actively
eliminated if an external pull resistor is not present. An external pull resistor on JTAG_TDO is
detrimental. See Table 5 for a summary of the JTAG interface.
When JTAG_MOD is low, the JTAG interface is configured for a common software debug, adding
all the system TAPs to the chain.
When JTAG_MOD is high, the JTAG interface is configured to a mode compliant with the IEEE
1149.1 standard.
NC
These signals are No Connect (NC) and should not be connected by the user.
POR_B
See the System Boot chapter in the reference manual for the correct boot configuration. Note that
an incorrect setting may result from an improper boot sequence.
POR_B signal has internal 100 k
 pull up to SNVS domain, should pull up to VDD_SNVS_ANA if
need to add external pull up resistor, otherwise it will cause additional leakage during SNVS mode.
It is recommended to add the external reset IC to the circuit to guarantee POR_B is properly
processed during power up/down, please refer to the EVK design for details.
Note:
• As the Low DCDC_IN detection threshold is 2.6 V, the reset IC’s reset threshold must be higher
than 2.6 V, then the whole chip is reset before the internal DCDC module reset to guarantee the
chip safety during power down.
• For power on reset, on any conditions ones need to make sure the voltage on DCDC_PSWITCH
pin is below 0.5 V before power up.
ONOFF
A brief connection to GND in the OFF mode causes the internal power management state machine
to change the state to ON. In the ON mode, a brief connection to GND generates an interrupt
(intended to be a software-controllable power-down). Approximately five seconds (or more) to GND
causes a forced OFF. Both boot mode inputs can be disconnected.
TEST_MODE
This input is reserved for NXP manufacturing use. The user must tie this pin directly to GND.
WAKEUP
A GPIO powered by SNVS domain power supply which can be configured as wakeup source in
SNVS mode.
Table 5. JTAG controller interface summary
JTAG
I/O Type
On-chip Termination
JTAG_TCK
Input
20–50 k
pull-down
JTAG_TMS
Input
20–50 k
pull-up
JTAG_TDI
Input
20–50 k
pull-up
JTAG_TDO
3-state output
High-impedance
JTAG_TRSTB
Input
20–50 k
pull-up
JTAG_MOD
Input
20–50 k
pull-down
Table 4. Special signal considerations (continued)
Signal Name
Remarks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com