Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 81 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 81 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 77Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 78Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 79Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 80Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 81Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 82Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 83Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 84Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 85Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 124 page
background image
Electrical characteristics
i.MX RT1160 Crossover Processors Data Sheet for Industrial Products, Rev. 0, 04/2021
NXP Semiconductors
81
4.8.3
ACMP electrical specifications
4.8.4
Temperature sensor
Table 80 lists the parameters of temperature sensor.
4.9
Communication interfaces
The following sections provide the information about communication interfaces.
Table 78. ACMP operating conditions
Symbol
Description
Min
Typ
Max
Unit
VREFH_EXT
External reference voltage
1
—
1.98
V
VREFH_INT1
1 This is an internal reference voltage generated by PMC0.
Internal reference voltage
—
1.3
—
V
Table 79. ACMP characteristics
Symbol
Description
Condition
Min
Typ
Max
Unit
VAIN
Analog input voltage
—
0
—
NVCC_GPIO1
1 The maximum input voltage for CMP analog inputs associated with GPIO_AD bank is NVCC_GPIO.
V
VAIO
Analog input offset
voltage
——
—
20
mV
VH
Analog comparator
hysteresis
Hystrl[1:0] = 00
—
5
—
mV
Hystrl[1:0] = 01
—
10
—
mV
Hystrl[1:0] = 10
—
20
—
mV
Hystrl[1:0] = 11
—
30
—
mV
TDHS
Propagation delay,
high-speed mode
Normal supply
—
—
50
ns
TDHS
Propagation delay,
low-speed mode
——
—
5
s
—
Analog comparator
initialization delay
——
—
20
s
INL
8-bit DAC integral
non-linearity
—-1
—
1
LSB
DNL
8-bit DAC differential
non-linearity
—-1
—
1
LSB
Table 80. Temperature sensor parameters
Parameter
Min
Max
Unit
Temperature range1
1 Accuracy of measurement: ± 5C for 25C and above, while ± 10C for below 25C.
-40
125
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com