Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 1 Page - NXP Semiconductors

  PIMXRT516SCVM2A Datasheet HTML 1Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 2Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 3Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 4Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 5Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 6Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 7Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 8Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 124 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMXRT1160IEC
Rev. 0, 04/2021
MIMXRT1166CVM5A
MIMXRT1165CVM5A
Package Information
Plastic Package
289-pin MAPBGA, 14 x 14 mm, 0.8 mm pitch
Ordering Information
See Table 1 on page 6
NXP reserves the right to change the production detail specifications as may be required
to permit improvements in the design of its products.
© 2021 NXP B.V.
1
i.MX RT1160 introduction
The i.MX RT1160 is a new high-end processor of i.MX
RT family, which features NXP’s advanced
implementation of a high performance Arm
Cortex®-M7 core operating at speeds up to 500 MHz
and a power efficient Cortex®-M4 core up to 240 MHz.
The i.MX RT1160 processor has 1 MB on-chip RAM in
total, including a 768 KB RAM which can be flexibly
configured as TCM (512 KB RAM shared with M7 TCM
and 256 KB RAM shared with M4 TCM) or
general-purpose on-chip RAM. The i.MX RT1160
integrates advanced power management module with
DCDC and LDO regulators that reduce complexity of
external power supply and simplifies power sequencing.
The i.MX RT1160 also provides various memory
interfaces, including SDRAM, RAW NAND FLASH,
NOR FLASH, SD/eMMC, Quad/Octal SPI, Hyper
RAM/Flash, and a wide range of other interfaces for
connecting peripherals, such as WLAN, Bluetooth™,
GPS, displays, and camera sensors. The i.MX RT1160
i.MX RT1160 Crossover
Processors Data Sheet
for Industrial Products
1. i.MX RT1160 introduction . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1. Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2. Ordering information . . . . . . . . . . . . . . . . . . . . . . . 6
1.3. Package marking information . . . . . . . . . . . . . . . . 9
2. Architectural overview . . . . . . . . . . . . . . . . . . . . . . . . . . 10
2.1. Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
3. Modules list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
3.1. Special signal considerations . . . . . . . . . . . . . . . 20
3.2. Recommended connections for unused analog
interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
4. Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . 23
4.1. Chip-level conditions . . . . . . . . . . . . . . . . . . . . . . 23
4.2. System power and clocks . . . . . . . . . . . . . . . . . . 32
4.3. I/O parameters . . . . . . . . . . . . . . . . . . . . . . . . . . 42
4.4. System modules . . . . . . . . . . . . . . . . . . . . . . . . . 50
4.5. External memory interface . . . . . . . . . . . . . . . . . 54
4.6. Display and graphics . . . . . . . . . . . . . . . . . . . . . . 64
4.7. Audio . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 70
4.8. Analog . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 72
4.9. Communication interfaces . . . . . . . . . . . . . . . . . . 81
4.10. Timers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 97
5.
Boot mode configuration . . . . . . . . . . . . . . . . . . . 99
5. Boot mode configuration . . . . . . . . . . . . . . . . . . . . . . . . 99
5.1. Boot mode configuration pins . . . . . . . . . . . . . . . 99
5.2. Boot device interface allocation . . . . . . . . . . . . . . 99
6. Package information and contact assignments . . . . . . 105
6.1. 14 x 14 mm package information . . . . . . . . . . . 105
7. Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 120


Similar Part No. - PIMXRT516SCVM2A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIMXRT516SCVM2A NXP-PIMXRT516SCVM2A Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 04/2021
PIMXRT516SCVM2A NXP-PIMXRT516SCVM2A Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
Rev. 0, 04/2021
PIMXRT516SCVM2A NXP-PIMXRT516SCVM2A Datasheet
1Mb / 128P
i.MX RT1170 Crossover Processors Data Sheet for Consumer Products
Rev. 1, 05/2021
More results

Similar Description - PIMXRT516SCVM2A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMXRT1024IEC NXP-IMXRT1024IEC Datasheet
1Mb / 90P
i.MX RT1024 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 11/2020
IMXRT1064CEC NXP-IMXRT1064CEC Datasheet
1Mb / 112P
i.MX RT1064 Crossover Processors Data Sheet for Consumer Products
IMXRT1010CEC NXP-IMXRT1010CEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 09/2019
IMXRT1010IEC NXP-IMXRT1010IEC Datasheet
1Mb / 65P
i.MX RT1010 Crossover Processors Data Sheet for Industrial Products
Rev. 0, 09/2019
IMXRT1015CEC NXP-IMXRT1015CEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 2, 03/2021
IMXRT1015IEC NXP-IMXRT1015IEC Datasheet
1Mb / 71P
i.MX RT1015 Crossover Processors Data Sheet for Industrial Products
Rev. 2, 03/2021
IMXRT1160CEC NXP-IMXRT1160CEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Consumer Products
Rev. 0, 04/2021
IMXRT1160XEC NXP-IMXRT1160XEC Datasheet
1Mb / 124P
i.MX RT1160 Crossover Processors Data Sheet for Extended Industrial Products
Rev. 0, 04/2021
IMXRT1170IEC NXP-IMXRT1170IEC Datasheet
2Mb / 130P
i.MX RT1170 Crossover Processors Data Sheet for Industrial Products
Rev. 1, 05/2021
IMXRT1015CEC NXP-IMXRT1015CEC_V01 Datasheet
2Mb / 72P
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
Rev. 3.1, 03/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com