Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMXRT516SCVM2A Datasheet(PDF) 118 Page - NXP Semiconductors

Part # PIMXRT516SCVM2A
Description  i.MX RT1160 Crossover Processors Data Sheet for Industrial Products
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT516SCVM2A Datasheet(HTML) 118 Page - NXP Semiconductors

Back Button PIMXRT516SCVM2A Datasheet HTML 114Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 115Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 116Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 117Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 118Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 119Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 120Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 121Page - NXP Semiconductors PIMXRT516SCVM2A Datasheet HTML 122Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 124 page
background image
Package information and contact assignments
i.MX RT1160 Crossover Processors Data Sheet for Industrial Products, Rev. 0, 04/2021
118
NXP Semiconductors
6.1.3
14 x 14 mm, 0.8 mm pitch, ball map
Table 113 shows the 14 x 14 mm, 0.8 mm pitch ball map for the i.MX RT1160.
Table 113. 14 x 14 mm, 0.8 mm pitch, ball map
123
4
56789
10
11
12
13
14
15
16
17
A
VSS
GPIO_
EMC_
B1_10
GPIO_
EMC_
B1_09
GPIO_
DISP_
B2_15
GPIO_
DISP_
B2_13
GPIO_
DISP_
B2_11
GPIO_
DISP_
B2_14
MIPI_
DSI_
DN0
MIPI_
DSI_
CKN
MIPI_
DSI_
DN1
MIPI_
CSI_
DN0
MIPI_
CSI_
CKN
MIPI_
CSI_
DN1
GPIO_
DISP_
B1_11
GPIO_
DISP_
B1_08
GPIO_
SD_
B1_05
VSS
B
GPIO_
EMC_
B1_14
GPIO_
EMC_
B1_23
GPIO_
EMC_
B1_17
GPIO_
EMC_
B1_18
GPIO_
DISP_
B2_08
GPIO_
DISP_
B2_12
VSS
MIPI_
DSI_
DP0
MIPI_
DSI_
CKP
MIPI_
DSI_
DP1
MIPI_
CSI_
DP0
MIPI_
CSI_
CKP
MIPI_
CSI_
DP1
GPIO_
DISP_
B1_10
GPIO_
SD_
B1_04
GPIO_
SD_
B1_00
GPIO_
SD_
B1_03
C
GPIO_
EMC_
B1_15
GPIO_
EMC_
B1_11
GPIO_
EMC_
B1_20
GPIO_
EMC_
B1_19
GPIO_
EMC_
B1_12
GPIO_
DISP_
B2_06
GPIO_
DISP_
B2_04
VSS
GPIO_
DISP_
B2_05
VSS
GPIO_
DISP_
B1_05
VSS
GPIO_
DISP_
B1_09
VSS
GPIO_
SD_
B1_02
USB2_
DN
USB2_
DP
D
GPIO_
EMC_
B1_32
GPIO_
EMC_
B1_31
GPIO_
EMC_
B1_16
VSS
GPIO_
EMC_
B1_13
GPIO_
DISP_
B2_07
GPIO_
DISP_
B2_03
GPIO_
DISP_
B2_09
GPIO_
DISP_
B2_10
GPIO_
DISP_
B1_06
GPIO_
DISP_
B1_02
NVCC_
DISP1
GPIO_
DISP_
B1_01
NVCC_
SD1
GPIO_
SD_
B1_01
USB2_
VBUS
USB1_
VBUS
E
GPIO_
EMC_
B1_34
GPIO_
EMC_
B1_33
GPIO_
EMC_
B1_30
GPIO_
EMC_
B1_03
GPIO_
EMC_
B1_28
GPIO_
EMC_
B1_29
NVCC_
DISP2
GPIO_
DISP_
B2_00
GPIO_
DISP_
B2_02
GPIO_
DISP_
B1_04
GPIO_
DISP_
B1_03
GPIO_
DISP_
B1_07
GPIO_
DISP_
B1_00
GPIO_
SD_
B2_05
GPIO_
SD_
B2_03
USB1_
DN
USB1_
DP
F
GPIO_
EMC_
B1_35
GPIO_
EMC_
B1_01
GPIO_
EMC_
B1_00
GPIO_
EMC_
B1_05
GPIO_
EMC_
B1_08
NVCC_
EMC1
NVCC_
EMC1
GPIO_
DISP_
B2_01
VDD_
MIPI_
1P8
VDD_M
IPI_
1P0
VSS
VSS
VSS
GPIO_
SD_
B2_04
GPIO_
SD_
B2_08
GPIO_
SD_
B2_11
GPIO_
SD_
B2_06
G
GPIO_
EMC_
B1_36
GPIO_
EMC_
B1_21
VSS
GPIO_
EMC_
B1_02
GPIO_
EMC_
B1_27
NVCC_
EMC1
VSS
VSS
VSS
VSS
VSS
VDD_
USB_
3P3
NVCC_
SD2
GPIO_
SD_
B2_07
VSS
ADC_
VREFH
GPIO_
AD_35
H
GPIO_
EMC_
B1_37
GPIO_
EMC_
B1_22
GPIO_
EMC_
B1_07
GPIO_
EMC_
B1_06
GPIO_
EMC_
B1_04
NVCC_
EMC2
VSS
VDD_
SOC_
IN
VDD_
SOC_
IN
VDD_
SOC_
IN
VSS
VDD_
USB_
1P8
GPIO_
SD_
B2_02
GPIO_
SD_
B2_10
GPIO_
SD_
B2_09
DAC_
OUT
GPIO_
AD_33
J
GPIO_
EMC_
B1_38
GPIO_
EMC_
B1_39
GPIO_
EMC_
B1_26
GPIO_
EMC_
B1_25
GPIO_
EMC_
B1_24
NVCC_
EMC2
VSS
VDD_
SOC_
IN
VDD_
SOC_
IN
VDD_
SOC_
IN
VSS
GPIO_
AD_23
VDDA_
ADC_
3P3
GPIO_
SD_
B2_01
GPIO_
SD_
B2_00
GPIO_
AD_34
GPIO_
AD_31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com