Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC525ALC4TR-R5 Datasheet(PDF) 24 Page - Analog Devices

Part # HMC525ALC4TR-R5
Description  4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC525ALC4TR-R5 Datasheet(HTML) 24 Page - Analog Devices

Back Button HMC525ALC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 23Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 24Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 25Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 26Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 27Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
HMC525ALC4
Data Sheet
Rev. A | Page 24 of 28
SPURIOUS AND HARMONICS PERFORMANCE
LO Harmonics
LO = 15 dBm, and all values in dBc below input LO level measured
at RF port.
Table 5. LO Harmonics at RF Port
LO Frequency (GHz)
NLO Spur at RF Port
1
2
3
4
2.5
60
54
64
66
3.5
48
42
68
91
4.5
43
39
62
88
5.5
42
65
91
75
6.5
43
70
76
80
7.5
47
77
66
92
LO = 15 dBm, and all values in dBc below input LO level measured
at IF port.
Table 6. LO Harmonics at IF Port
LO Frequency (GHz)
NLO Spur at IF Port
1
2
3
4
2.5
24
54
42
59
3.5
20
47
46
82
4.5
20
47
65
91
5.5
22
22
62
73
6.5
30
89
80
104
7.5
34
93
95
117
M × N Spurious Outputs
Downconverter Performance
Mixer spurious products are measured in dBc from the IF output
power level (M × RF − N × LO). N/A means not applicable.
RF = 5.6 GHz, LO = 5.5 GHz, RF power = −10 dBm, and
LO power = 15 dBm.
N × LO
0
1
2
3
4
M × RF
0
0
−14
+37
+32
+50
1
+32
0
+39
+48
+66
2
+89
+59
+66
+58
+93
3
+92
+93
+84
+80
+85
4
+85
+91
+93
+94
+99
RF = 7.4 GHz, LO = 7.5 GHz, RF power = −10 dBm, and
LO power = 15 dBm.
N × LO
0
1
2
3
4
M × RF
0
0
−12
+32
+29
+40
1
+32
0
+45
+48
+59
2
+84
+55
+72
+56
+92
3
+89
+92
+88
+72
+90
4
+76
+56
+87
+90
+93
Upconverter Performance
Mixer spurious products are measured in dBc from the RF output
power level (M × IFIN + N × LO). N/A means not applicable.
IFIN = 0.1 GHz, LO = 5.5 GHz, RF power = −10 dBm, and
LO power = 15 dBm.
N × LO
0
1
2
3
4
M × IFIN
−5
99
95
96
92
92
−4
100
85
91
92
91
−3
98
59
75
87
86
−2
95
48
62
68
56
−1
80
0
32
45
51
+0
N/A
9.4
27
28
15
+1
80
0
32
43
51
+2
96
48
66
68
55
+3
100
55
76
85
88
+4
100
84
94
94
90
+5
98
96
94
90
90
IFIN = 0.1 GHz, LO = 7.5 GHz, RF power = −10 dBm, and
LO power = 15 dBm.
N × LO
0
1
2
3
4
M × IFIN
−5
102
95
95
92
81
−4
101
87
94
90
81
−3
101
61
82
78
83
−2
100
50
74
67
60
−1
79
0
41
30
55
0
N/A
12
44
26
17
+1
79
0
44
28
54
+2
102
49
74
65
60
+3
102
58
85
81
83
+4
100
87
95
89
82
+5
101
97
93
91
81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com