Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC525ALC4TR-R5 Datasheet(PDF) 20 Page - Analog Devices

Part # HMC525ALC4TR-R5
Description  4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC525ALC4TR-R5 Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC525ALC4TR-R5 Datasheet HTML 16Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 17Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 18Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 19Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 23Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
HMC525ALC4
Data Sheet
Rev. A | Page 20 of 28
ISOLATION AND RETURN LOSS
Downconverter performance at IF = 100 MHz, upper sideband (low-side LO).
0
10
30
50
70
20
40
60
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 80. LO to RF Isolation vs. RF Frequency at Various Temperatures,
LO = 15 dBm
0
10
30
50
70
20
40
60
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
LO TO IF1, TA = –40°C
LO TO IF1, TA = +25°C
LO TO IF1, TA = +85°C
LO TO IF2, TA = –40°C
LO TO IF2, TA = +25°C
LO TO IF2, TA = +85°C
Figure 81. LO to IF Isolation vs. RF Frequency at Various Temperatures,
LO = 15 dBm
0
10
30
50
70
20
40
60
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
RF TO IF1, TA = –40°C
RF TO IF1, TA = +25°C
RF TO IF1, TA = +85°C
RF TO IF2, TA = –40°C
RF TO IF2, TA = +25°C
RF TO IF2, TA = +85°C
Figure 82. RF to IF Isolation vs. RF Frequency at Various Temperatures,
LO = 15 dBm
0
10
30
50
70
20
40
60
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
LO = 13dBm
LO = 15dBm
LO = 17dBm
LO = 19dBm
Figure 83. LO to RF Isolation vs. RF Frequency at Various LO Power levels,
TA = 25°C
0
10
30
50
70
20
40
60
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
LO TO IF1, 13dBm
LO TO IF1, 15dBm
LO TO IF1, 17dBm
LO TO IF1, 19dBm
LO TO IF2, 13dBm
LO TO IF2, 15dBm
LO TO IF2, 17dBm
LO TO IF1, 19dBm
Figure 84. LO to IF Isolation vs. RF Frequency at Various LO Power Levels,
TA = 25°C
0
10
30
50
70
20
40
60
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
RF TO IF1, 13dBm
RF TO IF1, 15dBm
RF TO IF1, 17dBm
RF TO IF1, 19dBm
RF TO IF2, 13dBm
RF TO IF2, 15dBm
RF TO IF2, 17dBm
RF TO IF1, 19dBm
Figure 85. RF to IF Isolation vs. RF Frequency at Various LO Power Levels,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com