Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC525ALC4TR-R5 Datasheet(PDF) 21 Page - Analog Devices

Part # HMC525ALC4TR-R5
Description  4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC525ALC4TR-R5 Datasheet(HTML) 21 Page - Analog Devices

Back Button HMC525ALC4TR-R5 Datasheet HTML 17Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 18Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 19Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 23Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 24Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Data Sheet
HMC525ALC4
Rev. A | Page 21 of 28
–40
–30
–20
–10
0
2
3
4
5
6
7
8
9
10
LO FREQUENCY (GHz)
Figure 86. LO Return Loss vs. LO Frequency at LO = 15 dBm,
TA = 25°C
2
3
4
5
6
7
8
9
10
RF FREQUENCY (GHz)
–40
–30
–20
–10
0
LO = 13dBm
LO = 15dBm
LO = 17dBm
LO = 19dBm
Figure 87. RF Return Loss vs. RF Frequency at Various LO Power Levels,
LO = 5 GHz, TA = 25°C
–60
–50
–40
–30
–20
–10
0
0.1
0.6
1.1
1.6
2.1
2.6
3.1
3.6
4.1
4.6
5.1
IF FREQUENCY (GHz)
IF1, LO = 13dBm
IF1, LO = 15dBm
IF1, LO = 17dBm
IF1, LO = 19dBm
IF2, LO = 13dBm
IF2, LO = 15dBm
IF2, LO = 17dBm
IF2, LO = 19dBm
Figure 88. IF Return Loss vs. IF Frequency at Various LO Power Levels,
LO = 5 GHz, TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com