Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC525ALC4TR-R5 Datasheet(PDF) 13 Page - Analog Devices

Part # HMC525ALC4TR-R5
Description  4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC525ALC4TR-R5 Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC525ALC4TR-R5 Datasheet HTML 9Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 10Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 11Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 12Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 13Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 14Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 15Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 16Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet
HMC525ALC4
Rev. A | Page 13 of 28
IFIN = 100 MHz, Upper Side Band (Low-Side LO)
Data taken as single sideband upconverter with external 90° hybrid at the IF ports.
0
10
20
30
40
5
15
25
35
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 48. Input IP3 vs. RF Frequency at Various Temperatures,
LO = 15 dBm
0
5
10
15
20
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 49. Input P1dB vs. RF Frequency at Various Temperatures,
LO = 15 dBm
0
10
20
30
40
5
15
25
35
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
LO = 13dBm
LO = 15dBm
LO = 17dBm
LO = 19dBm
Figure 50. Input IP3 vs. RF Frequency at LO Power Levels,
TA = 25°C
0
5
10
15
20
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
RF FREQUENCY (GHz)
LO = 13dBm
LO = 15dBm
LO = 17dBm
LO = 19dBm
Figure 51. Input P1dB vs. RF Frequency at Various LO Power Levels,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com