Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC525ALC4TR-R5 Datasheet(PDF) 26 Page - Analog Devices

Part # HMC525ALC4TR-R5
Description  4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC525ALC4TR-R5 Datasheet(HTML) 26 Page - Analog Devices

Back Button HMC525ALC4TR-R5 Datasheet HTML 20Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 21Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 22Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 23Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 24Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 25Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 26Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 27Page - Analog Devices HMC525ALC4TR-R5 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
HMC525ALC4
Data Sheet
Rev. A | Page 26 of 28
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 101 shows the typical application circuit for the
HMC525ALC4. To select the appropriate sideband, an external
90° degree hybrid is needed. For applications not requiring
operation to dc, use an off-chip dc blocking capacitor. For
applications that require suppression of the LO signal at the
output, use a bias tee or RF feed as shown in Figure 101. Ensure
that the source or sink current used for LO suppression is
<2 mA for each IF port to prevent damage to the device. The
common-mode voltage for each IF port is 0 V.
To select the upper sideband when using as an upconverter,
connect the IF1 pin to the 90° port of the hybrid, and connect
the IF2 pin to the 0° port of the hybrid. To select the lower
sideband, connect IF1 to the 0° port of the hybrid and IF2 to the
90° port of the hybrid. The input is from the sum port of the
hybrid and the difference port is 50 Ω terminated.
To select the upper sideband (low-side LO) when using as
downconverter, connect the IF1 pin to the 0° port of the hybrid,
and connect the IF2 pin to the 90° port of the hybrid. To select
the lower sideband (high-side LO), connect the IF1 pin to the
90° port of the hybrid and IF2 to the 0° port of the hybrid. The
output is from the sum port of the hybrid, and the difference
port is 50 Ω terminated.
13
1
3
4
2
5
6
14
15
16
17
18
90°
HYBRID
RF
LO
GND
IF1
IF2
PACKAGE
BASE
50Ω
IF
SUPPLY
FOR IF1
SUPPLY
FOR IF2
BIAS TEE/
DC FEED FOR IF2
BIAS TEE/
DC FEED FOR IF1
DC BLOCKING
CAPACITORS
EXTERNAL
90° HYBRID
NOTES
1. DASHED SECTIONS ARE OPTIONAL AND MEANT FOR LO NULLING.
Figure 101. Typical Application Circuit
EVALUATION PCB INFORMATION
Use RF circuit design techniques for the circuit board used in
the application. Ensure that signal lines have 50 Ω impedance
and connect the package ground leads and the exposed pad
directly to the ground plane (see Figure 103). Use a sufficient
number of via holes to connect the top and bottom ground planes.
The evaluation circuit board shown in Figure 103 is available
from Analog Devices, Inc., upon request.
Table 7. Materials for Evaluation PCB EV1HMC525ALC4
Item
Description
PCB1
PCB, 109996-1
J1, J2
2.92 mm SubMiniature Version A (SMA) connectors, SRI
connector gage
J3, J4
Gold plated SMA, edge mount with 0.02 inch pin
connectors, Johnson SMA connectors
U1
Device under test, HMC525ALC4
1
109996-1 is the raw bare PCB identifier. Reference EV1HMC525ALC4 when
ordering complete evaluation PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com