Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8774 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8774
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8774 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 42Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
Product Preview
WM8774
PP Rev 1.0 June 2002
39
RECOMMENDED EXTERNAL COMPONENTS
It is recommended that a lowpass filter be applied to the output from each DAC channel for Hi Fi
applications. Typically a second order filter is suitable and provides sufficient attenuation of high
frequency components (the unique low order, high bit count multi-bit sigma delta DAC structure used
in WM8774 produces much less high frequency output noise than competitors devices). This filter is
typically also used to provide the 2x gain needed to provide the standard 2Vrms output level from
most consumer equipment. Figure 34 shows a suitable post DAC filter circuit, with 2x gain.
Alternative inverting filter architectures might also be used with as good results.
+
_
+
+VS
-VS
10uF
51
Ω
7.5K
Ω
680pF
1.8k
Ω
47k
Ω
4.7k
Ω
4.7k
Ω
1.0nF
Figure 34 Recommended Post DAC Filter Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com