Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8774 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8774
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8774 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
WM8774
Product Preview
PP Rev 1.0 June 2002
30
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
6:0
LA[6:0]
1111111
(0dB)
Attenuation data for Left channel DACL in 1dB steps. See Table
10
7
LZCEN
0
DACL zero cross detect enable
0: zero cross disabled
1: zero cross enabled
00000
Analogue
Attenuation
DACL
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACL in intermediate latch (no change to output)
1: Store DACL and update attenuation on all channels.
6:0
RA[6:0]
1111111
(0dB)
Attenuation data for Right channel DACR in 1dB steps. See Table
10
7
RZCEN
0
DACR zero cross detect enable
0: zero cross disabled
1: zero cross enabled
00001
Analogue
Attenuation
DACR
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store DACR in intermediate latch (no change to output)
1: Store DACR and update attenuation on all channels.
6:0
MASTA[6:0]
1111111
(0dB)
Attenuation data for all DAC gains in 1dB steps. See Table 10
7
MZCEN
0
Master zero cross detect enable
0: zero cross disabled
1: zero cross enabled
01000
Analogue
Master
Attenuation
(both channels)
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store gains in intermediate latch (no change to output)
1: Store gains and update attenuation on all channels.
7:0
LDA[7:0]
11111111
(0dB)
Digital Attenuation data for Left channel DACL in 0.5dB steps.
See Table 11
01001
Digital
Attenuation
DACL
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store LDA in intermediate latch (no change to output)
1: Store LDA and update attenuation on all channels
7:0
RDA[6:0]
11111111
(0dB)
Digital Attenuation data for Right channel DACR in 0.5dB steps.
See Table 11
01010
Digital
Attenuation
DACR
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store RDA in intermediate latch (no change to output)
1: Store RDA and update attenuation on all channels.
7:0
MASTDA[7:0]
11111111
(0dB)
Digital Attenuation data for both DAC channels in 0.5dB steps.
See Table 11
10001
Master
Digital
Attenuation
(both channels)
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0: Store gain in intermediate latch (no change to output)
1: Store gain and update attenuation on all channels.
10010
Phase swaps
1:0
PH
00
Controls phase of DAC outputs
0: Sets non inverted output phase
1: inverts phase of DAC output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com