Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8774 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8774
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8774 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
WM8774
Product Preview
PP Rev 1.0 June 2002
28
OUTPUT SELECT AND ENABLE CONTROL
Register bits MX controls the output selection. The output select block consists of a summing stage
and an input select switch for each input allowing each signal to be output individually or summed
with other signals and output on the analogue output. The default for the output is DAC playback
only. VOUT may be selected to output DAC playback, AUX, analogue bypass or a sum of these
using the output select controls MX[2:0]. For example, to select sum of DAC and AUX, set MX[2:0] to
110.
The output mixer and EVR can be powered down under control of OUTPD. Setting OUTPD will
power off the mixer and EVR and switch the analogue outputs VOUTL/R to VMIDDAC to maintain a
dc level on the output.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
MX[2:0]
001
(DAC playback)
VOUT Output select (see Figure 18)
11100
Output mux
And
Powerdown
control
7
OUTPD
1
Mixer and EVR Powerdown select
0: mixer and EVR enabled
1: mixer and EVR powered
down
MX[2:0] selects the output for VOUT.
Figure 18 MX[2:0] Output Select
SOFTWARE REGISTER RESET
Writing to register 11111 will cause a register reset, resetting all register bits to their default
values.
MX[0]
MX[1]
MX[2]
DAC
AUX
BYPASS
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com