Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8774 Datasheet(PDF) 13 Page - Wolfson Microelectronics plc

Part # WM8774
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774 Datasheet(HTML) 13 Page - Wolfson Microelectronics plc

Back Button WM8774 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 17Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
Product Preview
WM8774
PP Rev 1.0 June 2002
13
The master clock for WM8774 supports DAC and ADC audio sampling rates from 256fs to 768fs,
where fs is the audio sampling frequency (DACLRC or ADCLRC) typically 32kHz, 44.1kHz, 48kHz or
96kHz (the DAC also supports operation at 128fs and 192fs and 192kHz sample rate). The master
clock is used to operate the digital filters and the noise shaping circuits.
In Slave mode the WM8774 has a master detection circuit that automatically determines the
relationship between the master clock frequency and the sampling rate (to within +/- 32 system
clocks). If there is a greater than 32 clocks error the interface is disabled and maintains the output
level at the last sample. The master clock must be synchronised with ADCLRC/DACLRC, although
the WM8774 is tolerant of phase variations or jitter on this clock. Table 5 shows the typical master
clock frequency inputs for the WM8774.
The signal processing for the WM8774 typically operates at an oversampling rate of 128fs for both
ADC and DAC. The exception to this for the DAC is for operation with a 128 or 192fs system clock,
e.g. for 192kHz operation where the oversampling rate is 64fs. For ADC operation at 96kHz it is
recommended that the user set the ADCOSR bit. This changes the ADC signal processing
oversample rate to 64fs.
System Clock Frequency (MHz)
128fs
192fs
SAMPLING
RATE
(DACLRC/
ADCLRC)
DAC ONLY
256fs
384fs
512fs
768fs
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1kHz
5.6448
8.467
11.2896
16.9340
22.5792
33.8688
48kHz
6.144
9.216
12.288
18.432
24.576
36.864
96kHz
12.288
18.432
24.576
36.864
Unavailable Unavailable
192kHz
24.576
36.864
Unavailable Unavailable Unavailable Unavailable
Table 5 System Clock Frequencies Versus Sampling Rate
In Master mode BCLK, DACLRC and ADCLRC are generated by the WM8774. The frequencies of
ADCLRC and DACLRC are set by setting the required ratio of MCLK to DACLRC and ADCLRC using
the DACRATE and ADCRATE control bits (Table 6).
ADCRATE[2:0]/
DACRATE[2:0]
MCLK:ADCLRC/DACLRC
RATIO
000
128fs (DAC Only)
001
192fs (DAC Only)
010
256fs
011
384fs
100
512fs
101
768fs
Table 6 Master Mode MCLK:ADCLRC/DACLRC Ratio Select
Table 7 shows the settings for ADCRATE and DACRATE for common sample rates and MCLK
frequencies.
System Clock Frequency (MHz)
128fs
192fs
256fs
384fs
512fs
768fs
SAMPLING
RATE
(DACLRC/
ADCLRC)
DACRATE
=000
DACRATE
=001
ADCRATE/
DACRATE
=010
ADCRATE/
DACRATE
=011
ADCRATE/
DACRATE
=100
ADCRATE/
DACRATE
=101
32kHz
4.096
6.144
8.192
12.288
16.384
24.576
44.1kHz
5.6448
8.467
11.2896
16.9340
22.5792
33.8688
48kHz
6.144
9.216
12.288
18.432
24.576
36.864
96kHz
12.288
18.432
24.576
36.864
Unavailable
Unavailable
192kHz
24.576
36.864
Unavailable
Unavailable
Unavailable
Unavailable
Table 7 Master Mode ADC/DACLRC Frequency Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com