Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8774 Datasheet(PDF) 22 Page - Wolfson Microelectronics plc

Part # WM8774
Description  24 - bit, 192kHz 8 - Channel Input Stereo Codec
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8774 Datasheet(HTML) 22 Page - Wolfson Microelectronics plc

Back Button WM8774 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8774 Datasheet HTML 26Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
WM8774
Product Preview
PP Rev 1.0 June 2002
22
Each ADC channel also has an individual mute control bit, which mutes the input to the ADC. In
addition both channels may be muted by setting ADCMUTE.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11001
ADC Mute
7
ADCMUTE
0
ADC MUTE Left and Right
0 : Normal Operation
1: mute ADC left and ADC right
11001
ADC Mute Left
5
MUTE
0
ADC Mute select
0 : Normal Operation
1: mute ADC left
11010
ADC Mute Right
5
MUTE
0
ADC Mute select
0 : Normal Operation
1: mute ADC right
The Record outputs may be enabled by setting RECEN, where RECEN enables the RECL and
RECR outputs.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10100
REC Enable
5
RECEN
0
REC Output Enable
0 : REC output muted
1: REC output enabled
DE-EMPHASIS MODE
A digital De-emphasis filter may be applied to the DAC. The De-emphasis filter for each stereo
channel is enabled under the control of DEEMP.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
10101
DAC De-emphasis
Control
0
DEEMPH
0
De-emphasis mode select:
0 : Normal Mode
1: De-emphasis Mode
Refer to Figure 26, Figure 27, Figure 28, Figure 29, Figure 30 and Figure 31 for details of the De-
Emphasis modes at different sample rates.
POWERDOWN MODE AND ADC/DAC DISABLE
Setting the PDWN register bit immediately powers down the WM8774, including the references,
overriding all other powerdown control bits. All trace of the previous input samples are removed, but
all control register settings are preserved. When PDWN is cleared the digital filters will be
reinitialised. It is recommended that the 8-channel input mux and buffer, ADC, DAC and output
mixers and EVRs are powered down before setting PDWN.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
11000
Powerdown Control
0
PDWN
0
Power Down Mode Select:
0 : Normal Mode
1: Power Down Mode
The ADC and DACs may also be powered down by setting the ADCD and DACD disable bits. Setting
ADCD will disable the ADC and select a low power mode. The ADC digital filters will be reset and will
reinitialise when ADCD is reset. Setting DACD disable the DAC and select a low power mode.
Resetting DACD will reinitialise the digital filters.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
ADCD
1
ADC Disable:
0 : Normal Mode
1: Power Down Mode
11000
Powerdown Control
2
DACD
1111
DAC Disable:
0 : Normal Mode
1: Power Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com