Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464T-E/ST Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP3464T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464T-E/ST Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP3464T-E/ST Datasheet HTML 41Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 42Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 43Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 44Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 45Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 46Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 47Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 48Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 45
MCP3461/2/4
5.8
ADC Operating Modes
The ADC can be placed into three different operating
modes: ADC Shutdown, Standby and Conversion. The
ADC operating mode is controlled directly by the user
using the ADC_MODE[1:0] bits in the CONFIG0 register.
The user can directly launch conversions or place the
ADC into ADC Shutdown or Standby mode by writing
directly to these bits. Additional Fast commands are
available for each of the three possible states of these
bits to allow faster programming in case of time-sensitive
applications (see Section 6.2.4 “Command-Type Bits
(CMD[1:0])”). The different ADC_MODE[1:0] bits
settings available are described in Table 5-9.
The ADC_MODE[1:0] bits do not give an instantaneous
representation of the state of the ADC. Writing the
ADC_MODE[1:0] bits sets the desired state of the
ADC, but this state is only attained after a start-up time
depending on the current state of the ADC. See
Section 5.10 “ADC Start-up Timer” for details about
the start-up timer. Typically, the device starts in ADC
Shutdown mode after a POR (ADC_MODE[1:0] = 00
by default). To launch conversions in the desired
configuration, the user should program the part in the
desired configuration and then set the ADC_MODE[1:0]
bits to ‘11’. In this case, the first conversion will start
after TADC_SETUP = 256 DMCLK periods. This time is
necessary for the part to adjust to the new programmed
settings and settle in to its operating point to accurately
convert the input signals.
Internally, the device tracks the current state of the
ADC, as well as the start-up timer counter to be able to
optimize the start-up time, depending on the desired
transitions and internal configurations required and set
by the user.
In MUX mode, overwriting the ADC_MODE[1:0] bits to
‘11’ when the ADC is already in conversion, resets and
restarts the current conversion immediately. The
conversion start pulse will also be regenerated in this
case if the EN_STP bit was enabled.
In SCAN mode (see Section 5.14 “SCAN Mode”), writ-
ing the ADC_MODE[1:0] bits to ‘11’ starts the conversion
SCAN cycle. During the whole cycle, even when the scan
timer is enabled, reading the ADC_MODE[1:0] bits will
give a ‘11’ code output, meaning that the SCAN cycle
is ongoing. Rewriting ADC_MODE[1:0] = 11 during
SCAN mode will immediately reset and restart the
whole SCAN sequence, from the beginning of the
sequence. The conversion start pulse will also be
regenerated in this case if the EN_STP bit was
enabled. The restart of the SCAN sequence may
induce a TADC_SETUP additional delay if the ADC was
effectively in ADC Shutdown mode when the
ADC_MODE bits are overwritten (this can happen if the
ADC_MODE bits are overwritten during the timer delay
period, where the ADC is placed into ADC Shutdown
mode in between two SCAN cycles).
The ADCDATA register is always updated with the last
conversion results only. The ADCDATA register cannot
provide incomplete conversion results. The A/D
conversion needs to be completed to be able to provide
a result in the ADCDATA register. Each end of conver-
sion generates a data ready interrupt on all three IRQ
mechanisms (see Section 6.8.1 “Conversion Data
Ready Interrupt”). The ADCDATA register is never
cleared when the device transitions from one mode to
another. The only way to clear the ADC Output register
is a POR event or a full Reset Fast command. See
Section 6.2.5 “Fast Commands Description”.
TABLE 5-9:
ADC OPERATING MODES DESCRIPTION
ADC_MODE[1:0]
ADC Mode
Description
11
Conversion
The ADC is placed into Conversion mode and consumes the specified current
(see the Electrical Characteristics table). A/D conversions can be reset and
restarted immediately once this mode is effectively reached. This mode may be
reached after a maximum of TADC_SETUP time, depending on the current state
of the ADC.
10
Standby
Conversions are stopped. ADC is placed into Reset but consumes almost as
much current as in Conversion mode. A/D conversions can start immediately
once this mode is effectively reached. This mode may be reached after a
maximum of TADC_SETUP time, depending of the current state of the ADC.
0x
ADC Shutdown Conversions are stopped. ADC is placed into ADC Shutdown mode consuming
no current. A/D conversions can start only after TADC_SETUP start-up time. This
mode is effective immediately after being programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com