Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464T-E/ST Datasheet(PDF) 88 Page - Microchip Technology

Part # MCP3464T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464T-E/ST Datasheet(HTML) 88 Page - Microchip Technology

Back Button MCP3464T-E/ST Datasheet HTML 84Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 85Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 86Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 87Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 88Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 89Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 90Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 91Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 108 page
background image
MCP3461/2/4
DS20006180D-page 88
 2019-2021 Microchip Technology Inc.
8.7
MUX Register
Name
Bits
Address
Cof
MUX
8
0x6
R/W
REGISTER 8-7:
MUX: MULTIPLEXER REGISTER
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
MUX_VIN+[3:0](2,3)
MUX_VIN-[3:0](2,3)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
MUX VIN+[3:0]: MUX VIN+ Input Selection(2,3)
1111 = Internal VCM
1110 = Internal Temperature Sensor Diode M (TEMP Diode M)(1)
1101 = Internal Temperature Sensor Diode P (TEMP Diode P)(1)
1100 = REFIN-
1011 = REFIN+
1010 = Reserved (do not use)
1001 = AVDD
1000 = AGND
0111 = CH7
0110 = CH6
0101 = CH5
0100 = CH4
0011 = CH3
0010 = CH2
0001 = CH1
0000 = CH0 (default)
bit 3-0
MUX VIN-[3:0]: MUX VIN- Input Selection(2,3)
1111 = Internal VCM
1110 = Internal Temperature Sensor Diode M (TEMP Diode M)(1)
1101 = Internal Temperature Sensor Diode P (TEMP Diode P)(1)
1100 = REFIN-
1011 = REFIN+
1010 = Reserved (do not use)
1001 = AVDD
1000 = AGND
0111 = CH7
0110 = CH6
0101 = CH5
0100 = CH4
0011 = CH3
0010 = CH2
0001 = CH1 (default)
0000 = CH0
Note 1:
Selects the internal temperature sensor diode and forces a fixed current through it. For a correct temperature
reading, the MUX[7:0] selection should be equal to 0xDE.
2: For MCP3462, the codes, ‘0111/0110/0101/0100’, correspond to a floating input and should be avoided.
3:
For MCP3461, the codes, ‘0111/0110/0101/0100/0011/0010’, correspond to a floating input and
should be avoided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com