Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464T-E/ST Datasheet(PDF) 53 Page - Microchip Technology

Part # MCP3464T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464T-E/ST Datasheet(HTML) 53 Page - Microchip Technology

Back Button MCP3464T-E/ST Datasheet HTML 49Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 50Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 51Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 52Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 53Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 54Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 55Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 56Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 53
MCP3461/2/4
5.13.2
CONVERSION MODES IN SCAN
MODE
In SCAN mode, the device takes one conversion per
channel and multiplexes the input to the next channel in
the SCAN sequence. Therefore, all conversions are
One-Shot mode conversions, regardless of what the
CONV_MODE[1:0] bits are set to. Each conversion takes
the same time, TCONV (or 2 x TCONV when AZ_MUX = 1,
see Section 5.1.3 “ADC Offset Cancellation Algo-
rithm”), to be performed. If CONV_MODE[1:0] = 00, 01
or 10, the SCAN cycle is executed once and then the
ADC is placed into Standby or ADC Shutdown mode.
If CONV_MODE[1:0] = 11, the ADC runs in a SCAN
Cycle mode with a TIMER[23:0] delay between each
cycle.
Writing the CONV_MODE[1:0] bits with the SPI inter-
face within a conversion does not create an internal
Reset. It is recommended not to wait for the end of a
conversion to change the CONV_MODE[1:0] bits to the
desired value, but to change to the desired value just
after a data ready to avoid possible glitches.
Figure 5-15 and Figure 5-16, respectively, detail the
ADC timing behavior in One-Shot and Continuous
Conversion modes, when configured for SCAN mode,
with N channels chosen among 16 SCAN possibilities.
FIGURE 5-15:
SCAN One-Shot Conversion Mode Timing Diagram.
FIGURE 5-16:
SCAN Continuous Conversion Mode Timing Diagram.
‘
0x’ or ‘10’
Depend in g on CONV_MOD E
Writ e
CONV_MODE =
0x/10
SPI
Writ e
A DC_MODE =
11
MCLK
00
ADC_MODE
IRQ
TADC_SET UP
TCONV
Read A DC Data 1
TDLY_SCAN
11
Continuous Clocking
Don’t Care
TDRH
Sh u td o wn or R e set
Depend in g on CONV_MOD E
Sh u td o wn
ADC
STATUS
Res et
Channel 1 Conversi on
Sta rt-u p
TCONV
Res et
Channel 2 Conversi on
TDLY_SCAN
Channel N Co nv ers ion
(L ast i n C ycl e)
TCONV
Read A DC Data N -1
Read A DC Data N
TDRH
Writ e
CONV_MODE =
11
SPI
Writ e
A DC_MODE =
11
MCLK
00
ADC_MODE
IRQ
TADC_SE TUP
TCONV
Read A DC Data 1
TDLY_SCAN
11
Continuous Clocking
Don’t Care
TDRH
Shutdown or Reset
de pe nd i ng on TIMER [2 3:0] se tti n gs
Sh u td o wn
ADC
STATUS
Res et
Channel 1 Conversi on
Sta rt-u p
TCONV
Res et
Channel 2 Conversi on
TDLY_SCAN
Channel N Co nv ers ion
(L ast i n C ycl e)
TCONV
Read A DC Data N -1
Read A DC Data N
TDRH
Sta rt-u p
Res et
Channel 1 Conversi on
(N ew C ycle )
TADC_SET UP
TDRH
Channel 2 Conversi on
(N ew C ycle )
TDRH
Read ADC Data1
(New Cycle)
TCONV
TCONV
TDLY_SCAN
TTIME R_SCAN
Start-up Time is Reduced to 0
if TTIMER_SCAN < 256 DMCLK
Periods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com