Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464T-E/ST Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP3464T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464T-E/ST Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP3464T-E/ST Datasheet HTML 45Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 46Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 47Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 48Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 49Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 50Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 51Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 52Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 49
MCP3461/2/4
5.11.3
INTERNAL MASTER CLOCK
MODES (CLK_SEL[1:0] = 1x)
When CLK_SEL[1] = 1, the internal oscillator is
selected and the master clock is generated internally.
The internal oscillator has no Reset feature and is
always running once selected. The master clock
generation is independent of the ADC, as the clock can
still be generated even if the ADC is in ADC Shutdown
mode. The internal oscillator is only disabled when
CLK_SEL[1:0] = 0x. The clock can be distributed to the
dedicated output pin depending on the CLK_SEL[0] bit.
When the clock output is selected (CLK_SEL[0] = 1),
the AMCLK
clock
derived
from
the
MCLK
(AMCLK = MCLK/PRESCALE) is available on the out-
put pin. The AMCLK output can serve as the clock pin
to synchronize either the modulator output or other
MCP3461/2/4 devices that would be configured with
CLK_SEL[1:0] = 00 or 01.
The AMCLK output is available on the MCLK clock
output pin as soon as the Write command
(CLK_SEL[1:0] = 11) is finished.
5.12
Digital System Offset and Gain
Calibrations
The MCP3461/2/4 devices include a digital calibration
feature for offset and gain errors. The calibration
scheme for offset error consists of the addition of a
fixed offset value to the ADC output code (ADCDATA at
address 0x0). The offset value added (OFFSETCAL) is
determined in the OFFSETCAL register (address: 0x9).
The calibration scheme for gain error consists of the
multiplication of a fixed gain value to the ADC output
code. The gain value (GAINCAL) multiplied is
determined in the GAINCAL register (address 0xA).
The digital offset and gain calibration schemes are
enabled or disabled via the EN_OFFCAL and
EN_GAINCAL control bits of the CONFIG3 register.
When both calibration control bits are enabled
(EN_OFFCAL = EN_GAINCAL = 1), the ADCDATA
register contents are modified with the digital offset and
gain calibration schemes, as described in Equation 5-6.
When a calibration enable bit is off, its corresponding
register becomes a don’t care register and the
corresponding calibration is not performed.
EQUATION 5-6:
ADCDATA OUTPUT
AFTER DIGITAL GAIN
AND OFFSET ERROR
CALIBRATION
The calculations are performed internally with proper
management of overloading, so that the overload
detection is done on the output result only and not on
the intermediate results. A sufficient number of addi-
tional overload bits are maintained and propagated
internally to overcome all possible overload and/or
overload recovery situations.
For example, if ADCDATA (pre-calibration) + OFFSETCAL
is out of bounds but (ADCDATA (pre-calibration) +
OFFSETCAL) * GAINCAL is still in the right range
(possible with 0 < GAINCAL < 1), then the result is not
saturated.
5.12.1
DIGITAL OFFSET ERROR
CALIBRATION
The
Offset
Calibration
register
(OFFSETCAL,
address: 0x9) is a signed MSb first, two’s complement
coding, 24-bit register that holds the digital offset
calibration value, OFFSETCAL. The OFFSETCAL
equivalent input voltage value is calculated with
Equation 5-7.
EQUATION 5-7:
OFFSETCAL
CALIBRATION VALUE
(EQUIVALENT INPUT
VOLTAGE)
For the MCP3461/2/4 devices, the offset calibration is
done by adding bit-by-bit the OFFSETCAL[23:8]
calibration value to the ADCDATA code. The last byte
of the OFFSETCAL register (OFFSETCAL[7:0]) is
ignored and internally reset to 0x00 during the
calibration, therefore the addition just takes into
account the OFFSETCAL[23:8] bits and is done
bit-by-bit with the ADC output code.
The offset calibration value range in equivalent voltage
is [-VREF/GAIN; (+VREF – 1 LSb)/GAIN], which permits
cancellation of any possible offset in the ADC, but also
in the system. The offset calibration is realized with a
simple 16-bit signed adder and is instantaneous (no
pipeline delay). Enabling the offset calibration will
affect the next conversion result; the conversion result
already held in the ADCDATA Output register (0x0) is
not modified when the EN_OFFCAL is set to ‘1’, but
the next one will take in account the offset calibration.
Changing the OFFSETCAL register to a new value will
not affect the current ADCDATA value, but the next
one (after a data ready interrupt) will take into account
the new OFFSETCAL value. Figure 5-11 shows the
different cases and their implication on the ADCDATA
register, as well as on the IRQ output.
ADCDATA (post-calibration) =
[ADCDATA (pre-calibration) + OFFSETCAL] x GAINCAL
OFFSETCAL (V) =
VREF * (OFFSETCAL[23:8])/(32768 * GAIN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com