Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3464T-E/ST Datasheet(PDF) 73 Page - Microchip Technology

Part # MCP3464T-E/ST
Description  Two/Four/Eight-Channel, 153.6 ksps, Low Noise, 16-Bit Delta-Sigma ADC
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3464T-E/ST Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP3464T-E/ST Datasheet HTML 69Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 70Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 71Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 72Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 73Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 74Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 75Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 76Page - Microchip Technology MCP3464T-E/ST Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 108 page
background image
 2019-2021 Microchip Technology Inc.
DS20006180D-page 73
MCP3461/2/4
6.8.1
CONVERSION DATA READY
INTERRUPT
The data ready interrupt happens when a new conver-
sion is ready to be read on the ADCDATA register. This
event happens synchronously with DMCLK and at
each end of conversion. This interrupt is implemented
with three different and independent mechanisms:
STATUS byte on SDO, IRQ register Status bit and IRQ
pin state.
1.
STATUS byte on SDO. When the interrupt
happens, on the next STATUS byte transmitted
on SDO, the DR_STATUS bit is logic low. Once
the STATUS byte has been transmitted, the
DR_STATUS bit appears as ‘1’ until a new
interrupt will be present. If between two STATUS
byte transmissions, the interrupt happens once
again, the DR_STATUS bit on SDO will appear
as ‘0’ on the second reading.
2.
IRQ register Status bit. When the interrupt
happens, the DR_STATUS bit in the IRQ register
will be set to ‘0’. Once the IRQ register has been
fully read, this DR_STATUS bit is reset again to
‘1’. If between two readings of the IRQ register,
the interrupt happens once again, the IRQ
register Status bit will appear as equal to ‘0’ on
the second reading.
3.
IRQ pin state. The interrupt generates an IRQ
pin falling edge (transition to logic low) as soon
as it happens.
The data ready interrupt is cleared by the first event of
the following two events:
• First falling edge of SCK during an ADC Output
Data register read
• 16 DMCLK clock periods before current
conversion ends
If the user does not read the ADCDATA register in time
in Continuous Conversion mode or in SCAN mode, the
IRQ pin will automatically reset to its inactive state
16 DMCLK periods prior to the new data ready inter-
rupt. This feature is designed to avoid the case in which
the IRQ pin output would always be logic low if the
reading of the ADC data were not performed. The user
can determine exactly when to expect new data and
can respect the tDODR timing in all cases to ensure
proper reading of the ADC data. See Figure 6-14 for
more details.
FIGURE 6-14:
Data Ready Interrupt IRQ Pin Timing Diagram.
SPI
IRQ
TCON V
Transition Time
tDOD R
Read A DC DATA1
1/DRCLK
TDRH
DATA1 can be Read Dur ing this Time
IRQ is Cleared
at First SCK Falling Edge After
ADCDATA Read Start
ADCDATA
REGISTER
DATA1
DATA0
IRQ is Cleared
if ADCDATA has Not
been Read in Time
Read ADC DATA2
1/DRCLK
TDRH
DATA2 can be Read Dur ing this Time
DATA2
Data Ready Interrupt
COMM AN D By te
Read A DCDATA
COMM AN D By te
Read A DCDATA
Transition Time
tDOD R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com