Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC553ALC3BTR-R5 Datasheet(PDF) 24 Page - Analog Devices

Part # HMC553ALC3BTR-R5
Description  6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC553ALC3BTR-R5 Datasheet(HTML) 24 Page - Analog Devices

Back Button HMC553ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 23Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 24Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
HMC553ALC3B
Data Sheet
Rev. B | Page 24 of 25
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
Figure 82 shows the typical application circuit for the
HMC553ALC3B. The HMC553ALC3B is a passive device and
does not require any external components. The LO and RF pins
are internally ac-coupled. The IF pin is internally dc-coupled.
When IF operation to dc is not required, use of an external
series capacitor is recommended, of a value chosen to pass the
necessary IF frequency range. When IF operation to dc is
required, do not exceed the IF source and sink current rating
specified in the Absolute Maximum Ratings section.
GND
GND
RF
GND
LO
LO
RF
IF
GND
HMC553ALC3B
1
7
8
9
10
11
12
4
2
3
56
Figure 82. Typical Application Circuit
EVALUATION PCB INFORMATION
Use RF circuit design techniques for the circuit board used in
the application. Ensure that signal lines have 50 Ω impedance,
and connect the package ground leads and the exposed pad
directly to the ground plane (see Figure 83). Use a sufficient
number of via holes to connect the top and bottom ground
planes. The evaluation circuit board shown in Figure 83 is
available from Analog Devices, Inc., upon request.
Table 7. List of Materials for Evaluation PCB
EV1HMC553ALC3B
Item
Description
J1, J2
SRI 2.92 mm connector
J3
Johnson Surface-Mount Type A (SMA) connector
U1
HMC553ALC3B
PCB1
117611-7 evaluation board
1 117611-7 is the raw bare PCB identifier. Reference EV1HMC553ALC3B when
ordering the complete evaluation PCB.
J1
J3
IF
LO
RF
117611–7
U1
J2
553A
Figure 83. Evaluation PCB Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com