Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC553ALC3BTR-R5 Datasheet(PDF) 22 Page - Analog Devices

Part # HMC553ALC3BTR-R5
Description  6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC553ALC3BTR-R5 Datasheet(HTML) 22 Page - Analog Devices

Back Button HMC553ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 23Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 24Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
HMC553ALC3B
Data Sheet
Rev. B | Page 22 of 25
SPURIOUS AND HARMONICS PERFORMANCE
LO Harmonics
LO = 13 dBm, all values in dBc below input LO level and
measured at RF port. N/A means not applicable.
Table 5. LO Harmonics at RF
N × LO Spur at RF Port (dBc)
LO Frequency (GHz)
1
2
3
4
6
37
21
51
53
8
38
41
43
64
9
38
46
49
70
10
37
45
58
82
12
37
50
45
105
14
39
50
71
N/A
LO = 13 dBm, all values in dBc below input LO level and
measured at IF port. N/A means not applicable.
Table 6. LO Harmonics at IF
N × LO Spur at IF Port (dBc)
LO Frequency (GHz)
1
2
3
4
6
43
38
60
74
8
28
50
88
104
9
29
66
102
109
10
29
76
103
108
12
31
84
88
10
14
43
93
107
N/A
M × N Spurious Outputs
Downconversion, Upper Sideband
Spur values are (M × RF) − (N × LO). RF = 10.1 GHz, LO =
10 GHz, RF power = −10 dBm, and LO power = 13 dBm. Mixer
spurious products are measured in dBc from the IF output power
level. N/A means not applicable.
N × LO
0
1
2
3
4
M × RF
0
N/A
0.6
26
25
N/A
1
22
0
44
70
68
2
71
67
58
70
78
3
84
92
93
71
91
4
N/A
82
93
98
101
Downconversion, Lower Sideband
Spur values are (M × RF) − (N × LO). RF = 14 GHz, LO =
14.1 GHz, RF power = −10 dBm, and LO power = 13 dBm.
Mixer spurious products are measured in dBc from the IF
output power level. N/A means not applicable.
N × LO
0
1
2
3
4
M × RF
0
N/A
3
26
N/A
N/A
1
18
0
40
65
N/A
2
55
72
70
77
56
3
N/A
57
93
74
89
4
N/A
N/A
58
95
101
Upconversion, Upper Sideband
Spur values are (M × IFIN) + (N × LO). IFIN = 0.1 GHz, LO =
10 GHz, RF power = −10 dBm, and LO power = 13 dBm. Mixer
spurious products are measured in dBc from the RF output power
level. N/A means not applicable.
N × LO
0
1
2
3
4
M × IFIN
−5
N/A
99
96
64
61
−4
N/A
86
94
62
61
−3
N/A
81
83
75
61
−2
N/A
51
59
72
59
−1
N/A
0
35
22
43
0
N/A
6
10
27
19
+1
36
0
36
20
N/A
+2
81
50
58
68
N/A
+3
95
63
84
76
N/A
+4
101
85
92
84
N/A
+5
102
100
94
84
N/A
Upconversion, Lower Sideband
Spur values are (M × IFIN) + (N × LO).
IFIN = 0.1 GHz, LO = 14.1 GHz, RF power = −10 dBm, and
LO power = 13 dBm. Mixer spurious products are measured in
dBc from the RF output power level. N/A means not applicable.
N × LO
0
1
2
3
4
M × IFIN
−5
N/A
96
82
N/A
N/A
−4
N/A
85
84
N/A
N/A
−3
N/A
71
77
N/A
N/A
−2
N/A
52
60
N/A
N/A
−1
N/A
0
28
N/A
N/A
0
N/A
8
20
N/A
N/A
+1
34
0
28
N/A
N/A
+2
79
50
61
N/A
N/A
+3
96
63
61
N/A
N/A
+4
100
86
84
N/A
N/A
+5
100
95
62
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com