Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC553ALC3BTR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC553ALC3BTR-R5
Description  6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC553ALC3BTR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC553ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
6 GHz to 14 GHz, GaAs, MMIC,
Double-Balanced Mixer
Data Sheet
HMC553ALC3B
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Passive: no dc bias required
Conversion loss: 7 dB typical at 6 GHz to 11 GHz
Input IP3: 18 dBm typical at 6 GHz to 11 GHz
LO to RF isolation: 36 dB typical
Wide IF bandwidth: dc to 5 GHz
RoHS compliant, 12-terminal, 2.90 mm × 2.90 mm LCC package
APPLICATIONS
Microwave and very small aperture terminal (VSAT) radios
Test equipment
Point to point radios
Military electronic warfare (EW); electronic countermeasure
(ECM); and command, control, communications and
intelligence (C3I)
FUNCTIONAL BLOCK DIAGRAM
1
GND
7
GND
8
RF
9
GND
10
11
12
4
2
LO
3
GND
5
6
PACKAGE
BASE
GND
HMC553ALC3B
Figure 1.
GENERAL DESCRIPTION
The HMC553ALC3B is a general-purpose, double-balanced,
gallium arsenide (GaAs), monolithic microwave integrated
circuit (MMIC) mixer housed in a leadless Pb-free, RoHS
compliant LCC package. The HMC553ALC3B can be used as an
upconverter or downconverter between 6 GHz and 14 GHz.
This mixer requires no external components or matching
circuitry.
The HMC553ALC3B provides local oscillator (LO) to radio
frequency (RF) and LO to intermediate frequency (IF) suppression
due to optimized balun structures. The mixer operates with LO
drive levels from 9 dBm to 15 dBm. The HMC553ALC3B
eliminates the need for wire bonding, allowing use of surface-
mount manufacturing techniques.


Similar Part No. - HMC553ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC553AG AD-HMC553AG Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC553AG-SX AD-HMC553AG-SX Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
More results

Similar Description - HMC553ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC203 HITTITE-HMC203 Datasheet
95Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC144LH5 HITTITE-HMC144LH5 Datasheet
263Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC203 HITTITE-HMC203_07 Datasheet
116Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC144LH5 HITTITE-HMC144LH5_08 Datasheet
195Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC203 HITTITE-HMC203_09 Datasheet
107Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 14 - 23 GHz
logo
Analog Devices
HMC292A AD-HMC292A Datasheet
398Kb / 17P
14 GHz to 32 GHz, GaAs, MMIC, Double Balanced Mixer
4/2018-Revision 0
HMC292ALC3B AD-HMC292ALC3B Datasheet
268Kb / 15P
14 GHz to 30 GHz, GaAs, MMIC, Double Balanced Mixer
2/2018-Rev. 0 to Rev. A
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com