Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC553ALC3BTR-R5 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC553ALC3BTR-R5
Description  6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC553ALC3BTR-R5 Datasheet(HTML) 2 Page - Analog Devices

  HMC553ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
HMC553ALC3B
Data Sheet
Rev. B | Page 2 of 25
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Resistance ...................................................................... 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Interface Schematics..................................................................... 5
Typical Performance Characteristics ............................................. 6
Downconverter Performance...................................................... 6
Upconverter Performance......................................................... 14
Isolation and Return Loss ......................................................... 18
IF Bandwidth—Downconverter, Upper Sideband................. 20
IF Bandwidth—Downconverter, Lower Sideband................. 21
Spurious and Harmonics Performance ................................... 22
Theory of Operation ...................................................................... 23
Applications Information .............................................................. 24
Typical Application Circuit....................................................... 24
Evaluation PCB Information .................................................... 24
Outline Dimensions ....................................................................... 25
Ordering Guide .......................................................................... 25
REVISION HISTORY
3/2019—Rev.A to Rev. B
Change to Table 5 ........................................................................... 22
Changes to Downconversion, Upper Sideband Section,
Downconversion, Lower Sideband Section, Upconversion, Upper
Sideband Section, and Upconversion, Lower Sideband Section ... 22
6/2018—Rev.0 to Rev. A
Added 6 GHz to 11 GHz Downconverter Performance, Noise
Figure Parameter and 11 GHz to 14 GHz Downconverter
Performance, Noise Figure Parameter, Table 1............................. 3
2/2018—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com