Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC553ALC3BTR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC553ALC3BTR-R5
Description  6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC553ALC3BTR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC553ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC553ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Data Sheet
HMC553ALC3B
Rev. B | Page 3 of 25
SPECIFICATIONS
TA = 25°C, IF = 100 MHz, RF = −10 dBm, LO = 13 dBm, upper side band. All measurements performed as a downconverter, unless
otherwise noted, on the evaluation printed circuit board (PCB).
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
RF
6
14
GHz
LO Input
6
14
GHz
IF
DC
5
GHz
LO DRIVE LEVELS
9
13
15
dBm
6 GHz to 11 GHz PERFORMANCE
Downconverter
Conversion Loss
7
9
dB
Noise Figure
8.5
dB
Input Third-Order Intercept
IP3
15
18
dBm
Input 1 dB Compression Point
P1dB
9.5
dBm
Input Second-Order Intercept
IP2
40
dBm
Upconverter
IFIN
Conversion Loss
7
dB
Input Third-Order Intercept
IP3
19
dBm
Input 1 dB Compression Point
P1dB
8
dBm
Isolation
RF to IF
18
32
dB
LO to RF
30
36
dB
LO to IF
28
32
dB
11 GHz to 14 GHz PERFORMANCE
Downconverter
Conversion Loss
9
10
dB
Noise Figure
10
dB
Input Third-Order Intercept
IP3
18
22
dBm
Input 1 dB Compression Point
P1dB
11.5
dBm
Input Second-Order Intercept
IP2
45
dBm
Upconverter
IFIN
Conversion Loss
8
dB
Input Third-Order Intercept
IP3
19
dBm
Input 1 dB Compression Point
P1dB
8
dBm
Isolation
RF to IF
25
29
dB
LO to RF
30
37
dB
LO to IF
28
33
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com