Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA821 Datasheet HTML 6Page - Texas Instruments INA821 Datasheet HTML 7Page - Texas Instruments INA821 Datasheet HTML 8Page - Texas Instruments INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
7.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ, REF pin connected to ground, G = 1/2 (unless otherwise noted)
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-150
-100
-50
0
50
100
D007
G = 1/2
30 units
Figure 7-7. Output Offset Voltage vs Temperature
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-300
-250
-200
-150
-100
-50
0
50
100
150
D051
D008
G = 2
30 units
Figure 7-8. Output Offset Voltage vs Temperature
Common-Mode Voltage (V)
-60
-40
-20
0
20
40
60
-1500
-1000
-500
0
500
1000
1500
D009
G = 1/2
12 units
Figure 7-9. Offset Voltage vs Common-Mode Voltage
Common-Mode Voltage (V)
-30 -25 -20 -15 -10
-5
0
5
10
15
20
25
30
-1000
-750
-500
-250
0
250
500
750
1000
D010
G = 2
12 units
Figure 7-10. Offset Voltage vs Common-Mode Voltage
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-200
0
200
400
600
800
1000
1200
D011
Figure 7-11. Input Bias Current vs Temperature
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-600
-500
-400
-300
-200
-100
0
100
D012
Figure 7-12. Input Offset Current vs Temperature
INA597
SBOS385B – AUGUST 2019 – REVISED APRIL 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com