Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA821 Datasheet HTML 9Page - Texas Instruments INA821 Datasheet HTML 10Page - Texas Instruments INA821 Datasheet HTML 11Page - Texas Instruments INA821 Datasheet HTML 12Page - Texas Instruments INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
7.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ, REF pin connected to ground, G = 1/2 (unless otherwise noted)
Frequency (Hz)
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
PSRR+
PSRR ̶
G = 1/2
Figure 7-25. PSRR vs Frequency (RTI)
Frequency (Hz)
0
20
40
60
80
100
120
140
1
10
100
1k
10k
100k
1M
10M
PSRR+
PSRR ̶
G = 2
Figure 7-26. PSRR vs Frequency (RTI)
Gain Error (%)
0
0.005
0.01
0.015
0.02
0.025
0.03
30
20
10
0
40
50
D027
D027
N = 470
Mean = 0.0085%
Std. Dev. = 0.0014%
G = 1/2
Figure 7-27. Typical Distribution of Gain Error
Gain Error (%)
-0.03
-0.025
-0.02
-0.015
-0.01
-0.005
0
30
20
50
10
40
0
D028
N = 470
Mean = –0.0076%
Std. Dev. = 0.0015%
G = 2
Figure 7-28. Typical Distribution of Gain Error
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
0.002
0.004
0.006
0.008
0.01
1
.8
.6
.4
.2
D029
G = 1 /2
30 units
Figure 7-29. Gain Error vs Temperature
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
140
-0.01
-0.0095
-0.009
-0.0085
-0.008
-0.0075
-0.007
-0.0065
-0.006
-0.0055
-0.005
-0.0045
-0.004
-0.0035
-0.003
-0.0025
-0.002
D030
G = 2
30 units
Figure 7-30. Gain Error vs Temperature
www.ti.com
INA597
SBOS385B – AUGUST 2019 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: INA597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com