Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 25 Page - Texas Instruments

Back Button INA821 Datasheet HTML 21Page - Texas Instruments INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments INA821 Datasheet HTML 28Page - Texas Instruments INA821 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
9.2.1.2.3 Input Voltage Range
The INA597 measures input voltages beyond the supply rails. The internal resistors divide down the voltage
before the voltage reaches the internal op amp and provide protection to the op amp inputs. Figure 9-3 shows
an example of how the voltage division works in a difference-amplifier configuration. For the INA597 to measure
correctly, the input voltages at the input nodes of the internal op amp must stay less than 0.1 V of the positive
supply rail, and can exceed the negative supply rail by 0.1 V. See Section 10 for more details.
REF
R4
R3
R2
R1
OUT
V
+IN
V
±IN
+
±
SENSE
IN
R2
INOP
V
R1
R2
˜
IN
R4
INOP
V
R3
R4
˜
+IN
±IN
Figure 9-3. Voltage Division in the Difference Amplifier Configuration
The INA597 has integrated ESD diodes at the inputs that provide overvoltage protection. This feature simplifies
system design by eliminating the need for additional external protection circuitry, and enables a more robust
system. The voltages at any of the inputs of the parts in G = ½ configuration with ±18 V supplies can safely
range from +VS − 54 V up to −VS + 54 V. For example, on ±10-V supplies, the input voltages can go as high as
±30 V.
9.2.1.2.4 Capacitive Load Drive Capability
The INA597 can drive large capacitive loads, even at low supplies. The device is stable with a 500-pF load; see
Section 7.7.
www.ti.com
INA597
SBOS385B – AUGUST 2019 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: INA597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com