Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 26 Page - Texas Instruments

Back Button INA821 Datasheet HTML 22Page - Texas Instruments INA821 Datasheet HTML 23Page - Texas Instruments INA821 Datasheet HTML 24Page - Texas Instruments INA821 Datasheet HTML 25Page - Texas Instruments INA821 Datasheet HTML 26Page - Texas Instruments INA821 Datasheet HTML 27Page - Texas Instruments INA821 Datasheet HTML 28Page - Texas Instruments INA821 Datasheet HTML 29Page - Texas Instruments INA821 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 47 page
background image
9.2.1.3 Application Curve
The interaction between the output stage of an operational amplifier (op amp) and capacitive loads can impact
the stability of the circuit. Throughout the industry, op-amp output-stage requirements have changed greatly
since their original creation. Classic output stages with the class-AB common-emitter bipolar junction transistor
(BJT) have now been replaced with common-collector BJT and common-drain complementary metal-oxide
semiconductor (CMOS) devices. Both of these technologies enable rail-to-rail output voltages for single-supply
and battery-powered applications. A result of changing these output-stage structures is that the op-amp
open-loop output impedance (Zo) changed from the largely resistive behavior of early BJT op amps to a
frequency-dependent ZO that features capacitive, resistive, and inductive portions. Proper understanding of
ZO over frequency—and also the resulting closed-loop output impedance over frequency—is crucial for the
understanding of loop gain, bandwidth, and stability analysis. Figure 9-4 shows how the INA597 closed-loop
output impedance varies over frequency.
Frequency (Hz)
0.0001
0.001
0.01
0.1
1
10
100
1000
1
10
100
1k
10k
100k
1M
10M
D073
G = 2
G = 0.5
VS = ±18 V
Figure 9-4. Closed-Loop Output Impedance vs Frequency
INA597
SBOS385B – AUGUST 2019 – REVISED APRIL 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com