Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA821 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA821
Description  INA597 High-Precision, Wide-Bandwidth e-trim??Difference Amplifier
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA821 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA821 Datasheet HTML 13Page - Texas Instruments INA821 Datasheet HTML 14Page - Texas Instruments INA821 Datasheet HTML 15Page - Texas Instruments INA821 Datasheet HTML 16Page - Texas Instruments INA821 Datasheet HTML 17Page - Texas Instruments INA821 Datasheet HTML 18Page - Texas Instruments INA821 Datasheet HTML 19Page - Texas Instruments INA821 Datasheet HTML 20Page - Texas Instruments INA821 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
7.7 Typical Characteristics (continued)
at TA = 25°C, VS = ±18 V, VCM = VOUT = VS / 2, RL = 10 kΩ, REF pin connected to ground, G = 1/2 (unless otherwise noted)
Capacitance (pF)
10
100
1000
0
10
20
30
40
50
60
70
80
R
ISO = 0 Ω
R
ISO = 25 Ω
R
ISO = 50 Ω
G = 1/2
Figure 7-49. Small-Signal Overshoot vs Capacitive Load
Capacitance (pF)
10
100
1000
0
10
20
30
40
50
60
70
80
R
ISO = 0 Ω
R
ISO = 25 Ω
R
ISO = 50 Ω
G = 2
Figure 7-50. Small-Signal Overshoot vs Capacitive Load
Time (1 Ps/div)
D051
VIN
VIN +
VOUT
G = 1/2
Figure 7-51. Small-Signal Step Response
Time (1 μs/div)
V
OUT
V
IN+
V
IN–
G = 2
Figure 7-52. Small-Signal Step Response
Frequency (Hz)
0.0001
0.001
0.01
0.1
1
100
1k
10k
-120
-100
-80
-60
-40
D053
RL = 10 k:
RL = 2 k:
RL = 600 :
G = 1/2
VOUT = 3.5 VRMS
Figure 7-53. THD+N vs Frequency
Frequency (Hz)
0.0001
0.001
0.01
0.1
1
100
1k
10k
-120
-100
-80
-60
-40
D054
RL = 10 k:
RL = 2 k:
RL = 600 :
G = 2
VOUT = 3.5 VRMS
Figure 7-54. THD+N vs Frequency
www.ti.com
INA597
SBOS385B – AUGUST 2019 – REVISED APRIL 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA597



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com