Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AB400GFMLTH Datasheet(PDF) 26 Page - ACE Technology Co., LTD.

Part # ACE25AB400GFMLTH
Description  Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AB400GFMLTH Datasheet(HTML) 26 Page - ACE Technology Co., LTD.

Back Button ACE25AB400GFMLTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 30Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
ACE25AB400G
Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
26
Read Security Registers (48H)
The Read Security Registers command is similar to Fast Read command. The command is followed by a
3- byte address (A23-A0) and a dummy byte, each bit being latched-in during the rising edge of SCLK.
Then the memory content, at that address, is shifted out on SO, each bit being shifted out, at a Max
frequency fC, during the falling edge of SCLK. The first byte addressed can be at any location. The
address is automatically incremented to the next address after each byte of data is shifted out. Once the
A9-A0 address reaches the last byte of the register (Byte 3FFH), it will reset to 000H, the command is
completed by driving CS# high.
Address
A23-A16
A15-A10
A9-A0
Security Registers
00000000
000000
Address
Figure24. Read Security Registers command Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com