Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AB400GFMLTH Datasheet(PDF) 27 Page - ACE Technology Co., LTD.

Part # ACE25AB400GFMLTH
Description  Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AB400GFMLTH Datasheet(HTML) 27 Page - ACE Technology Co., LTD.

Back Button ACE25AB400GFMLTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 31Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
ACE25AB400G
Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
27
Enable Reset (66H) and Reset (99H)
If the Reset command is accepted, any on-going internal operation will be terminated and the device will
return to its default power-on state and lose all the current volatile settings, such as Volatile Status
Register bits, Write Enable Latch status (WEL).
The “Reset (99H)” command sequence as follow: CS# goes low→Sending Enable Reset command→
CS# goes high→CS# goes low→Sending Reset command→CS# goes high. Once the Reset command is
accepted by the device, the device will take approximately tRSTR to reset. During this period, no
command will be accepted.
Continuous Read Mode Reset (CRMR) (FFH)
The Dual I/O Fast Read operations, “Continuous Read Mode” bits (M7-0) are implemented to further re-
duce command overhead. By setting the (M7-0) to AXH, the next Dual I/O Fast Read operations do not
require the BBH command code.
Because the ACE25AB400G has no hardware reset pin, so if Continuous Read Mode bits are set to
“AXH”, the ACE25AB400G will not recognize any standard SPI commands. So Continuous Read Mode
Reset command will re- lease the Continuous Read Mode from the “AXH” state and allow standard SPI
command to be recognized. The command sequence is shown in Figure 26.
Figure25. Enable Reset and Reset command Sequence Diagram
Figure26. Continuous Read Mode Reset Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com