Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AB400GFMLTH Datasheet(PDF) 9 Page - ACE Technology Co., LTD.

Part # ACE25AB400GFMLTH
Description  Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AB400GFMLTH Datasheet(HTML) 9 Page - ACE Technology Co., LTD.

Back Button ACE25AB400GFMLTH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 13Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
ACE25AB400G
Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
9
Write Enable (WREN) (06H)
The Write Enable (WREN) command is for setting the Write Enable Latch (WEL) bit. The Write Enable
Latch (WEL) bit must be set prior to every Page Program (PP), Sector Erase (SE), Block Erase (BE), Chip
Erase (CE) and Write Status Register (WRSR) command. The Write Enable (WREN) command
sequence: CS# goes low→Sending the Write Enable command→CS# goes high.
Write Enable for Volatile Status Register (50H)
The non-volatile Status Register bits can also be written to as volatile bits. This gives more flexibility to
change the system configuration and memory protection schemes quickly without waiting for the typical
non- volatile bit write cycles or affecting the endurance of the Status Register non-volatile bits. The Write
Enable for Volatile Status Register command must be issued prior to a Write Status Register command
and any other commands can't be inserted between them. Otherwise, Write Enable for Volatile Status
Register will be cleared. The Write Enable for Volatile Status Register command will not set the Write
Enable Latch bit, it is only valid for the Write Status Register command to change the volatile Status
Register bit values.
Figure1. Write Enable Sequence Diagram
Figure2. Write Enable for Volatile Status Register Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com