Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AB400GFMLTH Datasheet(PDF) 11 Page - ACE Technology Co., LTD.

Part # ACE25AB400GFMLTH
Description  Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AB400GFMLTH Datasheet(HTML) 11 Page - ACE Technology Co., LTD.

Back Button ACE25AB400GFMLTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 14Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 15Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
ACE25AB400G
Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
11
The Write Status Register (WRSR) command allows the user to change the values of the Block Protect
(BP1, BP0) bits, to define the size of the area that is to be treated as read-only, as defined in Table1.0.
The Status Register Write Disable (SRWD) bit is a non-volatile One Time Program(OTP) bit, the Write
Status Register (WRSR) command allows the user to set the Status Register Write Disable (SRWD) bit to
1. The Status Register Write Disable (SRWD) bit allow the device to be put in another Software Protected
Mode. Once the SRWD bit is set to 1, the Write Status Register (WRSR) command is not executed, and
the Block Protect bits (BP1, BP0) are read only.
Read Data Bytes (READ) (03H)
The Read Data Bytes (READ) command is followed by a 3-byte address (A23-A0), each bit being
latched-in during the rising edge of SCLK. Then the memory content, at that address, is shifted out on SO,
each bit being shifted out, at a Max frequency fR, during the falling edge of SCLK. The first byte
addressed can be at any location. The address is automatically incremented to the next higher address
after each byte of data is shifted out. Therefore, the whole memory can be read with a single Read Data
Bytes (READ) command. During an Erase, Program or Write cycle, Read Data Byte (READ) command
will be rejected without affecting the cycle in progress.
Figure5. Write Status Register Sequence Diagram
Figure6. Read Data Bytes Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com