Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25AB400GFMLTH Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE25AB400GFMLTH
Description  Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25AB400GFMLTH Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE25AB400GFMLTH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25AB400GFMLTH Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
ACE25AB400G
Serial NOR Flash Memory 4M bits 3.0V Dual I/O Serial Flash Memory with 4KB Uniform Sector
VER 1.1
10
Write Disable (WRDI) (04H)
The Write Disable command is for resetting the Write Enable Latch (WEL) bit. The Write Disable
command sequence: CS# goes low→Sending the Write Disable command→CS# goes high. The WEL bit
is reset by following condition: Power-up and upon completion of the Write Status Register, Page Program,
Sector Erase, Block Erase and Chip Erase commands.
Read Status Register (RDSR) (05H)
The Read Status Register (RDSR) command is for reading the Status Register. The Status Register may
be read at any time, even while a Program, Erase or Write Status Register cycle is in progress. When one
of these cycles is in progress, it is recommended to check the Write In Progress (WIP) bit before sending
a new command to the device. It is also possible to read the Status Register continuously.
Write Status Register (WRSR) (01H)
The Write Status Register (WRSR) command allows new values to be written to the Status Register. Be-
fore it can be accepted, a Write Enable (WREN) command must previously have been executed. After the
Write Enable (WREN) command has been decoded and executed, the device sets the Write Enable Latch
(WEL).
The Write Status Register (WRSR) command has no effect on S6, S5, S4, S1 and S0 of the Status
Register. CS# must be driven high after the eighth bit of the data byte has been latched in. If not, the Write
Status Register (WRSR) command is not executed. As soon as CS# is driven high, the self-timed Write
Status Register cycle (whose duration is tw) is initiated. While the Write Status Register cycle is in
progress, the Status Register may be read to check the value of the Write In Progress (WIP) bit. The Write
In Progress (WIP) bit is 1 during the self- timed Write Status Register cycle, and is 0 when it is completed.
When the cycle is completed, the Write Enable Latch (WEL) is reset.
Figure3. Write Disable Sequence Diagram
Figure4. Read Status Register Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com