Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6221AS Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6221AS
Description  QUAD DARLINGTON SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221AS Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6221AS Datasheet HTML 2Page - STMicroelectronics L6221AS Datasheet HTML 3Page - STMicroelectronics L6221AS Datasheet HTML 4Page - STMicroelectronics L6221AS Datasheet HTML 5Page - STMicroelectronics L6221AS Datasheet HTML 6Page - STMicroelectronics L6221AS Datasheet HTML 7Page - STMicroelectronics L6221AS Datasheet HTML 8Page - STMicroelectronics L6221AS Datasheet HTML 9Page - STMicroelectronics L6221AS Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Figure 4 :
Collector-emitter Saturation
Voltage
Figure 5 :
Logic Input Characteristics
Set S1, S2 open, VIN, VEN = 0.8V for IIN L, IEN L
Set S1, S2 open, VIN, VEN = 2V for IIN H, IEN H
Set S1, S2 close, VIN, VEN = 0.8V for VIN L, VEN L
Set S1, S2 close, VIN, VEN = 2V for VIN H, VEN H
Figure 6 : Clamp Diode Leakage Current.
Figure 7 : Clamp Diode Forward Voltage.
L6221AS - L6221AD - L6221N
6/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com