Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6221AS Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6221AS
Description  QUAD DARLINGTON SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221AS Datasheet(HTML) 3 Page - STMicroelectronics

  L6221AS Datasheet HTML 1Page - STMicroelectronics L6221AS Datasheet HTML 2Page - STMicroelectronics L6221AS Datasheet HTML 3Page - STMicroelectronics L6221AS Datasheet HTML 4Page - STMicroelectronics L6221AS Datasheet HTML 5Page - STMicroelectronics L6221AS Datasheet HTML 6Page - STMicroelectronics L6221AS Datasheet HTML 7Page - STMicroelectronics L6221AS Datasheet HTML 8Page - STMicroelectronics L6221AS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PIN FUNCTIONS (see block diagram)
Name
Function
IN 1
Input to Driver 1
IN 2
Input to Driver 2
OUT 1
Output of Driver 1
OUT 2
Output of Driver 2
CLAMP A
Diode Clamp to Driver 1 and Driver 2
IN 3
Input to Driver 3
IN 4
Input to Driver 4
OUT 3
Output of Driver 3
OUT 4
Output of Driver 4
CLAMP B
Diode Clamp to Driver 3 and Driver 4
ENABLE
Enable Input to All Drivers
VS
Logic Supply Voltage
GND
Common Ground
For each input : H = High level
L = Low level
TRUTH TABLE
Enable
Input
Power Out
H
H
L
H
L
X
ON
OFF
OFF
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vo
Output Voltage
50
V
Vs
Logic Supply Voltage
7
V
VIN, VEN
Input Voltage, Enable Voltage
Vs
IC
Continuous Collector Current (for each channel)
1.8
A
IC
Collector Peak Current (repetitive, duty cycle = 10 % ton = 5 ms)
2.5
A
IC
Collector Peak Current (non repetitive, t = 10
µs)
3.2
A
Top
Operating Temperature Range (junction)
– 40 to + 150
°C
Tstg
Storage Temperature Range
– 55 to + 150
°C
Isub
Output Substrate Current
350
mA
Ptot
Total Power Dissipation
at Tpins
= 90
°C
(powerdip)
at Tcase = 90
°C
(multiwatt)
at Tcase = 90
°C
(SO20)
at Tamb = 70
°C
(powerdip)
at Tamb = 70
°C
(multiwatt)
at Tamb = 70
°C
(SO20)
4.3
20
3.5
1
2.3
1
W
W
W
W
W
W
L6221AS - L6221AD - L6221N
3/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com