Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6221AS Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6221AS
Description  QUAD DARLINGTON SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221AS Datasheet(HTML) 1 Page - STMicroelectronics

  L6221AS Datasheet HTML 1Page - STMicroelectronics L6221AS Datasheet HTML 2Page - STMicroelectronics L6221AS Datasheet HTML 3Page - STMicroelectronics L6221AS Datasheet HTML 4Page - STMicroelectronics L6221AS Datasheet HTML 5Page - STMicroelectronics L6221AS Datasheet HTML 6Page - STMicroelectronics L6221AS Datasheet HTML 7Page - STMicroelectronics L6221AS Datasheet HTML 8Page - STMicroelectronics L6221AS Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
L6221AS L6221AD
L6221N
June 2003
QUAD DARLINGTON SWITCH
®
.
FOUR NON INVERTING INPUTS WITH
ENABLE
.
OUTPUT VOLTAGE UP TO 50 V
.
OUTPUT CURRENT UP TO 1.8 A
.
VERY LOW SATURATION VOLTAGE
.
TTL COMPATIBLE INPUTS
.
INTEGRAL FAST RECIRCULATION DIODES
DESCRIPTION
The L6221 monolithic quad darlington switch is de-
signed for high current, high voltage switching appli-
cations. Each of the four switches is controlled by a
logic input and all four are controlled by a common
enable input. All inputs are TTL-compatible for direct
connection to logic circuits.
Each switch consists of an open-collector darlington
transistor plus a fast diode for switching applications
with inductive device loads. The emitters of the four
switches are commoned. Any number of inputs and
outputs of the same device may be paralleled.
Multiwatt 15
Powerdip 12 + 2 + 2
SO16+2+2
ORDERING NUMBERS:
L6221AS (Powerdip)
L6221N (Multiwatt15)
L6221AD (SO16+2+2)
BLOCK DIAGRAM
1/15


Similar Part No. - L6221AS

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
QUAD DARLINGTON SWITCH
Jul-1998
L6221AD STMICROELECTRONICS-L6221AD Datasheet
163Kb / 15P
QUAD DARLINGTON SWITCH
Jul-1998
More results

Similar Description - L6221AS

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
ULN2068 MOTOROLA-ULN2068 Datasheet
125Kb / 6P
QUAD 1.5 A DARLINGTON SWITCH
logo
STMicroelectronics
L6220 STMICROELECTRONICS-L6220 Datasheet
231Kb / 12P
QUAD DARLINGTON SWITCHES
Apr-1993
L6221A STMICROELECTRONICS-L6221A Datasheet
163Kb / 15P
QUAD DARLINGTON SWITCH
Jul-1998
L6221C STMICROELECTRONICS-L6221C Datasheet
181Kb / 15P
QUAD DARLINGTON SWITCH
May-1997
L702 STMICROELECTRONICS-L702 Datasheet
130Kb / 7P
2A QUAD DARLINGTON SWITCH
Oct-1991
ULN2064B-ULN2066B STMICROELECTRONICS-ULN2064B-ULN2066B Datasheet
98Kb / 8P
50V - 1.5A QUAD DARLINGTON SWITCHES
Apr-1993
logo
Allegro MicroSystems
2540 ALLEGRO-2540 Datasheet
143Kb / 8P
QUAD DARLINGTON POWER DRIVER
2544 ALLEGRO-2544 Datasheet
114Kb / 4P
QUAD DARLINGTON POWER DRIVER
logo
STMicroelectronics
L6221C STMICROELECTRONICS-L6221C_03 Datasheet
1Mb / 15P
QUAD DARLINGTON SWITCH
Jul-2003
L6221 STMICROELECTRONICS-L6221 Datasheet
768Kb / 22P
Quad Darlington switch
30-Mar-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com