Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6221AS Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6221AS
Description  QUAD DARLINGTON SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221AS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6221AS Datasheet HTML 5Page - STMicroelectronics L6221AS Datasheet HTML 6Page - STMicroelectronics L6221AS Datasheet HTML 7Page - STMicroelectronics L6221AS Datasheet HTML 8Page - STMicroelectronics L6221AS Datasheet HTML 9Page - STMicroelectronics L6221AS Datasheet HTML 10Page - STMicroelectronics L6221AS Datasheet HTML 11Page - STMicroelectronics L6221AS Datasheet HTML 12Page - STMicroelectronics L6221AS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Figure 19 : Driver for Solenoids up to 3A.
Some care must be taken to ensure that the collec-
tors are placed close together to avoid different cur-
rent partitioning at turn-off.
We suggest to put in parallel channel 1 and 4 and
channel 2 and 3 as shown in figure 19 for the similar
electrical characteristics of the logic section (turn-on
and turn-off delay time) and the power stages (col-
lector saturation voltage, free-wheeling diode for-
ward voltage).
APPLICATION INFORMATION
When inductive loads are driven by L6221A/N, a
zener diode in series with the integral free-wheeling
diodes increases the voltage across which energy
stored in the load is discharged and therefore
speeds the current decay (fig. 18).
For reliability it is suggested that the zener is chosen
so that Vp + Vz < 35 V.
The reasons for this are two fold :
1) The zener voltage changes in temperature and
current.
2) The instantaneous power must be limited to avoid
the reverse second breakdown.
Figure 18.
L6221AS - L6221AD - L6221N
9/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com