Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6221AS Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6221AS
Description  QUAD DARLINGTON SWITCH
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6221AS Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6221AS Datasheet HTML 7Page - STMicroelectronics L6221AS Datasheet HTML 8Page - STMicroelectronics L6221AS Datasheet HTML 9Page - STMicroelectronics L6221AS Datasheet HTML 10Page - STMicroelectronics L6221AS Datasheet HTML 11Page - STMicroelectronics L6221AS Datasheet HTML 12Page - STMicroelectronics L6221AS Datasheet HTML 13Page - STMicroelectronics L6221AS Datasheet HTML 14Page - STMicroelectronics L6221AS Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Figure 25 : Maximum Dissipable Power and Junc-
tion to Ambient Thermal Resistance
versus Side "
α"
Figure 26 : Maximum Allowable Power Dissipa-
tion versus Ambient Temperature
Figure 24 : External Heatsink Mounting Example
Figure 23 : Example of P.C. Board Copper Area
Which is Used as Heatsink
MOUNTING INSTRUCTION
The Rth j-amb of the L6221AS can be reduced by sol-
dering the GND pins to a suitable copper area of the
printed circuit board (Fig. 23) or to an external
heatsink (Fig. 24).
The diagram of figure 25 shows the maximum dis-
sipable power Ptot and the Rth j-amb as a function of
the side "
α" of two equal square copper areas hav-
ing a thickness of 35
µ (1.4 mils). During soldering
the pins temperature must not exceed 260
°C and
the soldering time must not be longer than 12 sec-
onds.
The external heatsink or printed circuit copper area
must be connected to electrical ground.
L6221AS - L6221AD - L6221N
11/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com